Electronic Components Datasheet Search
  English  ▼

X  

11020003 Datasheet(PDF) 4 Page - Molex Electronics Ltd.

Part # 11020003
Description  Insertion Tool for Standard .093" Pin and Socket Terminals
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

11020003 Datasheet(HTML) 4 Page - Molex Electronics Ltd.

  11020003 Datasheet HTML 1Page - Molex Electronics Ltd. 11020003 Datasheet HTML 2Page - Molex Electronics Ltd. 11020003 Datasheet HTML 3Page - Molex Electronics Ltd. 11020003 Datasheet HTML 4Page - Molex Electronics Ltd. 11020003 Datasheet HTML 5Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2.36mm Diameter, Standard .093"
Pin and Socket Crimp Terminal,
Series 1380, Male, with Tin (Sn)
Plated Brass Contact, 22-18 AWG,
Reel
02092116
2.36mm Diameter, Standard .093"
Pin and Socket Crimp Terminal,
Series 1380, Male, with Gold (Au)
Plated Brass Contact, 22-18 AWG,
Bag
02096123
2.36mm Diameter, Standard .093"
Pin and Socket Crimp Terminal,
Series 1381, Female, with Gold (Au)
Plated Brass Contact, 22-18 AWG,
Bag
02095142
2.36mm Diameter, Standard .093"
Pin and Socket Crimp Terminal,
Series 1380, Male, with Tin (Sn)
Plated Brass Contact, 22-18 AWG,
Bag
02092118
2.36mm Diameter, Standard .093"
Pin and Socket Crimp Terminal,
Series 1381, Female, with Tin (Sn)
Plated Brass Contact, 22-18 AWG,
Bag
02091119
2.36mm Diameter, Standard .093"
Pin and Socket Crimp Terminal,
Series 1190, Male, with Gold (Au)
Plated Brass Contact, 20-14 AWG,
Bag
02096106
2.36mm Diameter, Standard .093"
Pin and Socket Crimp Terminal,
Series 42478, Male, with Tin (Sn)
Plated Contact, High Current/Low
Engagement Force, 18-14 AWG,
Reel
02092611
2.36mm Diameter, Standard .093"
Pin and Socket Crimp Terminal,
Series 42477, Female, with Tin (Sn)
Plated Contact, High Current/Low
Engagement Force, 18-14 AWG,
Reel
02091615
2.36mm Diameter, Standard .093"
02098103



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com