Electronic Components Datasheet Search
  English  ▼

X  

207121 Datasheet(PDF) 3 Page - Molex Electronics Ltd.

Part # 207121
Description  MiniDIMM Memory Card Insertion Tool
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

207121 Datasheet(HTML) 3 Page - Molex Electronics Ltd.

  207121 Datasheet HTML 1Page - Molex Electronics Ltd. 207121 Datasheet HTML 2Page - Molex Electronics Ltd. 207121 Datasheet HTML 3Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Applicable Parts
Description
Part Number
0.60mm Pitch miniDIMM DDR2
Socket, Surface Mount, Right-Angle,
1.8V Key, 244 Circuits, Natural (Off
White) Latch, Lead-Free
879180001
0.60mm Pitch miniDIMM DDR3
Socket, Surface Mount, Right-Angle,
1.5V Key, 244 Circuits, Natural (Off
White) Latch, Lead-Free
879180301
0.60mm Pitch miniDIMM DDR2
Socket, Surface Mount, Right-Angle,
1.8V Key, 200 Circuits, Natural (Off
White) Latch, Lead-Free
879180201
0.60mm Pitch miniDIMM DDR
Socket, Surface Mount, Right-Angle,
2.5V Key, 200 Circuits, Natural (Off
White) Latch, Lead-Free
879180202
0.60mm Pitch miniDIMM Socket,
Surface Mount, Reverse Right-
Angle, with Off-White Latches, 1.8V
Voltage Key, 244 Circuits, Lead-Free
780011244
0.60mm Pitch miniDIMM DDR3
Socket, Surface Mount, Reverse
Right-Angle, with Off-White Latches,
1.5V Voltage Key, 244 Circuits, Type
A Tray Packaging, Lead-Free
780011344
0.60mm Pitch miniDIMM DDR3
Socket, Surface Mount, Reverse
Right-Angle, with Off-White Latches,
1.5V Voltage Key, 244 Circuits, Type
B Tray Packaging, Lead-Free
780013344
This document was generated on Jun 24, 2025



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com