Electronic Components Datasheet Search
  English  ▼

X  

9101/10 Datasheet(PDF) 1 Page - Sensata Technologies, Inc.

Part # 9101/10
Description  MEASURING WHEEL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

9101/10 Datasheet(HTML) 1 Page - Sensata Technologies, Inc.

  9101/10 Datasheet HTML 1Page - Sensata Technologies, Inc. 9101/10 Datasheet HTML 2Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
www.sensata.com
Copyright © 2018 Sensata Technologies, Inc.
| MEASURING WHEEL
9103/10, 9102/10, 9101/10 500 MM CIRCUMFERENCE
DIMENSIONS
Features
• Variety of materials and surface types
• Accepts standard 10 mm shaft secured with a set screw
• 500mm circumference accurate to +/- 0.1%
• Operates from -30 to +80 C
All dimensions are in millimeters
159,2
A
A
25
32
4,5
SECTION A-A
Scale 1 : 2
M5x6 Screw


Similar Part No. - 9101/10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9101 ETC1-9101 Datasheet
127Kb / 1P
SHIELDED ADJUSTABLE RF COILS
9101 ETC2-9101 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
logo
Heyco.
9101 HEYCO-9101 Datasheet
117Kb / 1P
Releasable Type T Rivets
logo
Weidmuller
9101003200 WEIDMULLER-9101003200 Datasheet
503Kb / 2P
Circuit Protection Circuit Break ers
9101003500 WEIDMULLER-9101003500 Datasheet
503Kb / 2P
Circuit Protection Circuit Break ers
More results

Similar Description - 9101/10

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
MA20 IVO-MA20 Datasheet
317Kb / 2P
With measuring arm and wheel
logo
Mallory performance clu...
86003 MALLORY-86003 Datasheet
110Kb / 2P
Trigger Wheel
86103 MALLORY-86103 Datasheet
128Kb / 2P
Trigger Wheel
86153 MALLORY-86153 Datasheet
128Kb / 2P
Trigger Wheel
logo
List of Unclassifed Man...
924-31196-001 ETC2-924-31196-001 Datasheet
88Kb / 1P
MEASURING WHEEL ASSY, 12" CIRCUMFERENCE
logo
TT Electronics.
DS1911 TTELEC-DS1911 Datasheet
298Kb / 1P
Paddle Wheel Flow Indicator
logo
SparkFun Electronics
ROB-08899 SPARKFUN-ROB-08899 Datasheet
98Kb / 1P
Wheel 42x19mm
1/18/2016
ROB-12124 SPARKFUN-ROB-12124 Datasheet
144Kb / 1P
Heavy Duty Wheel - 4
2/15/2016
ROB-12139 SPARKFUN-ROB-12139 Datasheet
96Kb / 1P
Skate Wheel - 2.975 (Gray)
2/12/2016
ROB-12437 SPARKFUN-ROB-12437 Datasheet
97Kb / 1P
Heavy Duty Wheel - 6
2/12/2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com