Electronic Components Datasheet Search
  English  ▼

X  

TS4268 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS4268
Description  180mA Ultra Low Dropout Voltage Regulator with Reset & Watchdog Function
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4268 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS4268 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4268 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4268 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4268 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4268 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS4268 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS4268 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Preliminary
TS4268
180mA Ultra Low Dropout Voltage Regulator
with Reset & Watchdog Function
1/7
Version: Preliminary
SOP-8
General Description
TS4268 is a low dropout voltage regulator. The maximum input voltage is 45 V. It can deliver an output current of at
least 180mA. TS4268 is short circuit proof and features temperature protection that disables the circuit in the event of
impermissibly high temperatures. The watchdog function is disabled as a function of the load, so that a controller is not
interrupted during sleep mode by a watchdog reset.
Application Description
TS4268 regulates an input voltage in the range 5.5V ~ 45V. In the event of an output voltage Vout < VRT, a reset signal
is generated. The wiring of the reset switching threshold input enables the value of VRT to be reduced. The reset delay
time can be adjusted using an external capacitor. The integrated watchdog monitors the connected active controller. If
there is no positive going edge at the watchdog input, the reset output is set to low. The reset delay capacitor provides
a wide adjustment range for the pulse repetition time. The watchdog function is only activated if the load exceeds 8mA.
This ensures that a microcontroller is not activated during power-down and the current drain is not increased.
Features
●
Output voltage tolerance < ± 2 %
●
Very low current consumption
●
Low-drop voltage
●
Watchdog
●
Settable reset threshold
●
Over temperature protection
●
Reverse polarity protection
●
Short-circuit proof
●
Suitable for use in automotive electronics
●
Wide temperature range
Ordering Information
Part No.
Package
Packing
TS4268CS50 RL
SOP-8
2.5Kpcs/ 13” Reel
Pin Description
Pin No.
Symbol
Pin Description
1
IN
Input Voltage. block to ground directly with ceramic capacitor
2
N/C
Not Connected
3
RO
Reset Output. the open collector output is connected to the 5V output via an
integrated resistor of 30kΩ
4
GND
Ground
5
RD
Reset Delay. connect a capacitor to ground for delay time adjustment.
6
RADJ
Reset Switching Threshold. for setting the switching threshold, output to ground with
voltage divider. If this input is connected to ground, the reset is triggered at an output
voltage of 4.5V.
7
WI
Watchdog Input. positive-edge-triggered input for monitoring a microcontroller.
8
OUT
Output Voltage. block to ground with 22uF capacitor, ESR <3Ω
Pin Definition:
1. Input
8. Output
2. N/C
7. Watchdog
3. Reset Output 6. Radj
4. Ground
5. Reset Delay


Similar Part No. - TS4268

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4268CS50RL TSC-TS4268CS50RL Datasheet
304Kb / 7P
180mA Fixed-Voltage Ultra Low LDO
TS4268 TSC-TS4268_08 Datasheet
304Kb / 7P
180mA Fixed-Voltage Ultra Low LDO
More results

Similar Description - TS4268

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA5602 SANYO-LA5602 Datasheet
91Kb / 4P
Low-Dropout Voltage Regulator with Reset and On-Off Function
logo
New Japan Radio
NJM2801 NJRC-NJM2801 Datasheet
134Kb / 4P
Low Dropout Voltage Regulator with Reset
NJM2806 NJRC-NJM2806 Datasheet
126Kb / 5P
Low Dropout Voltage Regulator with Reset
NJM2804 NJRC-NJM2804 Datasheet
136Kb / 5P
Low Dropout Voltage Regulator with Reset
logo
Taiwan Semiconductor Co...
TS39100 TSC-TS39100_07 Datasheet
593Kb / 13P
1A Ultra Low Dropout Voltage Regulator with Multi-Function
TS1123 TSC-TS1123 Datasheet
199Kb / 4P
Ultra Low Dropout Voltage Regulator Driver with Enable Function
TS39153CZ550 TSC-TS39153CZ550 Datasheet
654Kb / 12P
1.5A Ultra Low Dropout Voltage Regulator with Multi-Function
logo
Seiko Instruments Inc
S-19500A03A-E8T1U4 SII-S-19500A03A-E8T1U4 Datasheet
4Mb / 52P
CMOS VOLTAGE REGULATOR WITH WATCHDOG TIMER AND RESET FUNCTION
logo
New Japan Radio
NJM2800 NJRC-NJM2800 Datasheet
110Kb / 4P
Low Dropout Voltage Regulator with Reset
NJU7272 NJRC-NJU7272 Datasheet
204Kb / 13P
Low Dropout Voltage Regulator with Reset
Ver.2008-09-16
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com