Electronic Components Datasheet Search
  English  ▼

X  

WSLP3921 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # WSLP3921
Description  Power Metal Strip® Resistors, Very High Power (to 15 W), Low Value (Down to 0.0001 Ω), Surface-Mount
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

WSLP3921 Datasheet(HTML) 1 Page - Vishay Siliconix

  WSLP3921 Datasheet HTML 1Page - Vishay Siliconix WSLP3921 Datasheet HTML 2Page - Vishay Siliconix WSLP3921 Datasheet HTML 3Page - Vishay Siliconix WSLP3921 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
WSLP3921, WSLP5931
www.vishay.com
Vishay Dale
Revision: 12-Oct-2020
1
Document Number: 30176
For technical questions, contact: ww2bresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Power Metal Strip® Resistors, Very High Power (to 15 W),
Low Value (Down to 0.0001
), Surface-Mount
LINKS TO ADDITIONAL RESOURCES
FEATURES
• All welded construction of the Power Metal
Strip® resistors are ideal for all types of current
sensing,
voltage
division
and
pulse
applications
• Proprietary processing technique produces
extremely low resistance values, down to
0.0001
• Sulfur resistance by construction that is
unaffected by high sulfur environments
• Specially selected and stabilized materials allow for high
power rating (to 15 W)
• Very low inductance 0.5 nH to 5 nH
• Low thermal EMF (< 3 μV/°C)
• AEC-Q200 qualified (1)
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Notes
• Follow link to Overview of Automotive Grade Products for more details: www.vishay.com/doc?49924
(1) Flame retardance test may not be applicable to some resistor technologies
Note
(1) Other values may be available, contact factory
Notes
(1) WSL marking (www.vishay.com/doc?30327)
(2) Packaging code: EB (lead (Pb)-free) is non-standard packaging codes designating 1000 piece reels. These non-standard packaging codes
are identical to our standard EA (lead (Pb)-free), except that they have a package quantity of 1000 pieces
(3) Follow link for customization capabilities: www.vishay.com/doc?48163
333
DDD3 D
3D Models
Design Tools
Upgrade
Performance
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
SIZE
POWER RATING
P70 °C
W
TOLERANCE
%
RESISTANCE VALUE
RANGE
RESISTANCE VALUES
CURRENTLY AVAILABLE (1)
WEIGHT
(typical)
g/1000 pieces
WSLP3921
3921
5.0
1.0, 5.0
2m to 4m
2m, 2.5m, 3m, 4m
281
WSLP3921
3921
9.0
1.0, 5.0
0.1m to 1m
0.1m, 0.2m, 0.3m, 0.5m,
0.7m, 1m, 1.5m
281
WSLP5931
5931
7.0
1.0, 5.0
3m
3m
398
WSLP5931
5931
8.0
1.0, 5.0
2m
2m
398
WSLP5931
5931
10.0
1.0, 5.0
0.2m to 1m
0.2m, 0.3m, 0.5m, 1m
1253
WSLP5931
5931
15.0
1.0, 5.0
0.1m
0.1m
1253
GLOBAL PART NUMBER INFORMATION
Global Part Numbering: WSLP39212L000FEA (visit www.vishay.net Vishay Dale parts numbering manual for all options)
GLOBAL MODEL
(8 digits)
RESISTANCE VALUE (1)
(5 digits)
TOLERANCE CODE
(1 digit)
PACKAGING CODE (2)
(2 digits)
SPECIAL (3)
(up to 2 digits)
WSLP3921
WSLP5931
L = m
L5000 = 0.0005
2L000 = 0.002
F = ± 1.0 %
J = ± 5.0 %
EA = lead (Pb)-free, tape/reel
Reserved for
future specials
S
L
P
3
9
2
1
2
L
0
0
0
F
E
A
W


Similar Part No. - WSLP3921

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSLP3921 VISHAY-WSLP3921 Datasheet
90Kb / 3P
Power Metal Strip® Resistors, Very High Power (to 10 W) Low Value (Down to 0.0003 Ω), Surface Mount
18-Nov-10
WSLP3921 VISHAY-WSLP3921 Datasheet
142Kb / 5P
Power Metal Strip® Resistors, Very High Power (to 15 W), Low Value (Down to 0.0001 Ω), Surface-Mount
15-Jul-2022
WSLP3921 VISHAY-WSLP3921_15 Datasheet
95Kb / 4P
Power Metal Strip® Resistors, Very High Power (to 10 W), Low Value (down to 0.0002 ohm), Surface Mount
12-Mar-14
More results

Similar Description - WSLP3921

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
WSLP VISHAY-WSLP Datasheet
135Kb / 3P
Power Metal Strip® Resistors, Very High Power (to 1 W) Low Value (down to 0.001 Ω), Surface Mount
18-Nov-08
WSMS2908 VISHAY-WSMS2908 Datasheet
85Kb / 3P
Power Metal Strip® Meter Shunt Resistor, Very Low Value (down to 0.0001 Ω)
02-Jul-10
WSLP3921 VISHAY-WSLP3921 Datasheet
90Kb / 3P
Power Metal Strip® Resistors, Very High Power (to 10 W) Low Value (Down to 0.0003 Ω), Surface Mount
18-Nov-10
WSL5931 VISHAY-WSL5931_V01 Datasheet
142Kb / 5P
Power Metal Strip® Resistors, Low Value (Down to 0.0001 Ω), Surface-Mount
19-Jul-2022
WSLP2726 VISHAY-WSLP2726_V01 Datasheet
152Kb / 5P
Power Metal Strip® Resistors, Very High Power (to 12 W), Low Value (Down to 0.0002 Ω), Surface Mount
Revision: 27-Jan-2022
WSLP4026 VISHAY-WSLP4026_V01 Datasheet
143Kb / 5P
Power Metal Strip® Resistors, Very High Power (to 12 W), Low Value (Down to 0.0002 Ω), Surface Mount
12-Jan-2022
WSLP5931 VISHAY-WSLP5931_V01 Datasheet
142Kb / 5P
Power Metal Strip® Resistors, Very High Power (to 15 W), Low Value (Down to 0.0001 Ω), Surface-Mount
15-Jul-2022
WSLP VISHAY-WSLP_V01 Datasheet
141Kb / 4P
Power Metal Strip® Resistors, Very High Power (to 3 W), Low Value (Down to 0.0005 Ω), Surface-Mount
09-Aug-2022
WSLT5931 VISHAY-WSLT5931_V01 Datasheet
138Kb / 4P
Power Metal Strip® Resistors, High Temperature (275 °C), Low Value (Down to 0.0001 Ω), Surface-Mount
24-Aug-2021
WSMS2908 VISHAY-WSMS2908_V01 Datasheet
87Kb / 3P
Power Metal Strip® Meter Shunt Resistor, Very Low Value (down to 0.0001 Ω)
11-Aug-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com