Electronic Components Datasheet Search
  English  ▼

X  

890334023006 Datasheet(PDF) 3 Page - STMicroelectronics

Part # 890334023006
Description  3-phase inverter based on STSPIN32F0251
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

890334023006 Datasheet(HTML) 3 Page - STMicroelectronics

  890334023006 Datasheet HTML 1Page - STMicroelectronics 890334023006 Datasheet HTML 2Page - STMicroelectronics 890334023006 Datasheet HTML 3Page - STMicroelectronics 890334023006 Datasheet HTML 4Page - STMicroelectronics 890334023006 Datasheet HTML 5Page - STMicroelectronics 890334023006 Datasheet HTML 6Page - STMicroelectronics 890334023006 Datasheet HTML 7Page - STMicroelectronics 890334023006 Datasheet HTML 8Page - STMicroelectronics 890334023006 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
대
EVSPIN32F0251S1
Safety and operating instructions
Safety and operating instructions
DANGER
HIGH VOLTAGE
A
A
1.2
1.3
1.4
General terms
Warning:
During assembly, testing, and operation, the evaluation board poses several inherent hazards, including
bare wires, moving or rotating parts and hot surfaces.
Danger:
There is danger of serious personal injury, property damage or death due to electrical
shock and burn hazards if the kit or components are improperly used or installed
incorrectly.
The kit is not electrically isolated from the high-voltage supply AC/DC input. The evaluation board is
directly linked to the mains voltage. No insulation is ensured between the accessible parts and the high
voltage. All measuring equipment must be isolated from the mains before powering the board. When
using an oscilloscope with the demo, it must be isolated from the AC line. This prevents shock from
occurring as a result of touching any single point in the circuit, but does NOT prevent shock when
touching two or more points in the circuit.
All operations involving transportation, installation and use, and maintenance must be performed by skilled
technical personnel able to understand and implement national accident prevention regulations. For the purposes
of these basic safety instructions, “skilled technical personnel” are suitably qualified people who are familiar with
the installation, use and maintenance of power electronic systems.
Intended use of evaluation board
The evaluation board is designed for demonstration purposes only, and must not be used for electrical
installations or machinery. Technical data and information concerning the power supply conditions are detailed in
the documentation and should be strictly observed.
Installing the evaluation board
•
The installation and cooling of the evaluation board must be in accordance with the specifications and target
application.
•
The motor drive converters must be protected against excessive strain. In particular, components should not
be bent or isolating distances altered during transportation or handling.
•
No contact must be made with other electronic components and contacts.
•
The board contains electrostatically-sensitive components that are prone to damage if used incorrectly. Do
not mechanically damage or destroy the electrical components (potential health risks).
Operating the evaluation board
To operate properly the board, follow these safety rules.
1. Work Area Safety:
DB3976 - Rev 1
page 3/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com