Electronic Components Datasheet Search
  English  ▼

X  

TS4274CZ Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS4274CZ
Description  400mA Ultra Low Dropout Fixed Voltage Regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS4274CZ Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS4274CZ Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS4274CZ Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS4274CZ Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS4274CZ Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS4274CZ Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS4274CZ Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS4274CZ Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS4274CZ Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS4274CZ Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TS4274
400mA Ultra Low Dropout Fixed Voltage Regulator
1/10
Version: A07
TO-220
TO-263
(D
2PAK)
TO-252
(DPAK)
SOT-223
General Description
The TS4274 series of fixed-voltage monolithic micro-power voltage regulators is designed for a wide range of
applications. This device excellent choice of use in battery-power application. Furthermore, the quiescent current
increases on slightly at dropout, which prolongs battery life.
This series of fixed-voltage regulators features very low ground current (200uA Typ.) and very low drop output voltage
(600mV at 400mA). This includes a tight initial tolerance of 2% typ., and very low output temperature coefficient.
Features
●
Dropout voltage typically 0.6V @Io=400mA
●
Output current up to 400mA
●
Output voltage trimmed before assembly
●
Load dump protection
●
Internal current limit
●
Thermal shutdown protection
Block Diagram
Ordering Information
Note: Where xx denotes voltage option, available are
12= 12V
50= 5.0V
33= 3.3V
25= 2.5V
18= 1.8V
Part No.
Package
Packing
TS4274CZxx C0
TO-220
50pcs / Tube
TS4274CMxx RN
TO-263
800pcs / 13” Reel
TS4274CPxx RO
TO-252
2.5Kpcs / 13” Reel
TS4274CWxx RP
SOT-223
2.5Kpcs / 13” Reel
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
Input Supply Voltage
VIN
-18 ~ +35
V
Operation Input Supply Voltage
VOPR
26
V
Power Dissipation
PD
Internally Limited
W
Junction Temperature Range
TJ
+150
oC
Operating Temperature Range
TOPR
-40 ~ + 85
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Pin Definition:
1. Input
2. Ground
3. Output


Similar Part No. - TS4274CZ

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS4274CP50RO TSC-TS4274CP50RO Datasheet
120Kb / 6P
5V/400mA Fixed Voltage Ultra Low Dropout Voltage Regulator
More results

Similar Description - TS4274CZ

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A Datasheet
131Kb / 9P
400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129 Datasheet
222Kb / 8P
400mA Low Dropout Voltage Regulator
SPX2967 SIPEX-SPX2967 Datasheet
98Kb / 12P
400mA Low Dropout Voltage Regulator
SPX2975 SIPEX-SPX2975 Datasheet
88Kb / 8P
400mA Low Dropout Voltage Regulator
logo
SHANGHAI BELLING CO., L...
BL8550 BELLING-BL8550 Datasheet
983Kb / 6P
400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920A MICREL-MIC2920A_05 Datasheet
406Kb / 12P
400mA Low-Dropout Voltage Regulator
logo
Sipex Corporation
SPX1129 SIPEX-SPX1129_07 Datasheet
786Kb / 8P
400mA Low Dropout Voltage Regulator
SPX2975 SIPEX-SPX2975_05 Datasheet
178Kb / 11P
400mA Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC2920 MICREL-MIC2920 Datasheet
410Kb / 12P
400mA Low-Dropout Voltage Regulator
logo
Taiwan Semiconductor Co...
TS4274 TSC-TS4274_13 Datasheet
120Kb / 6P
5V/400mA Fixed Voltage Ultra Low Dropout Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com