Electronic Components Datasheet Search
  English  ▼

X  

BAT54JFILM Datasheet(PDF) 12 Page - STMicroelectronics

Part # BAT54JFILM
Description  3-phase inverter based on STSPIN32F0251
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BAT54JFILM Datasheet(HTML) 12 Page - STMicroelectronics

Back Button BAT54JFILM Datasheet HTML 8Page - STMicroelectronics BAT54JFILM Datasheet HTML 9Page - STMicroelectronics BAT54JFILM Datasheet HTML 10Page - STMicroelectronics BAT54JFILM Datasheet HTML 11Page - STMicroelectronics BAT54JFILM Datasheet HTML 12Page - STMicroelectronics BAT54JFILM Datasheet HTML 13Page - STMicroelectronics BAT54JFILM Datasheet HTML 14Page - STMicroelectronics BAT54JFILM Datasheet HTML 15Page - STMicroelectronics BAT54JFILM Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
대
EVSPIN32F0251S1
Bill of material
Reference
Part Value
Description
Package
Manufacturer
Part Number
TP5
PB8
Test point - PCB 1mm
diameter
Copper pad
TP6
PA4
Test point - PCB 1mm
diameter
Copper pad
TP8.TP12
TPTH-
ANELL0-1m
m
THT ring test point
Keystone
5003
TP10
PA3
Test point - PCB 1mm
diameter
Copper pad
TP11
PA7
Test point - PCB 1mm
diameter
Copper pad
TP13
GPIO_ZCR
Test point - PCB 1mm
diameter
Copper pad
TP15
NEEDLE-
PAD-1 .7mm
Test point - PCB 1.7mm
diameter
Copper pad
TP16
PGND
Test point - PCB 1mm
diameter
Copper Pad
U1
STSPIN32F0
251
250V 3-phase controller with
ARM Cortex MCU
TQFP64-10x
10x1.0
STMicroelectronics
STSPIN32F0251/TR
U2
TSV911ILT
Single rail-to-rail input/output
8MHz operational amplifiers
SOT23-5
STMicroelectronics
TSV911ILT
U3
TS3704IPT
Micropower quad CMOS
voltage comparators
TSSOP14
STMicroelectronics
TS3704IPT
U4
LD1117S33C
TR
800mA, 3.3V adjustable and
fixed low drop positive
voltage regulator
SOT-223
STMicroelectronics
LD1117S33CTR
U5
USBLC6-2S
C6
Very low capacitance ESD
protection
SOT23-6L
STMicroelectronics
USBLC6-2SC6 / Y
U6
LD3985M33
R
Ultra low drop and low noise
BiCMOS Voltage Regulators
SOT23-5L
STMicroelectronics
LD3985M33R
U7
STM32F103
CBT6
Medium-density performance
line ARM®-based 32-bit MCU
with 128 KB Flash, USB,
CAN, 7 timers, 2 ADCs, 9
com. interfaces
LQFP48 -
7x7 mm
STMicroelectronics
STM32F103CBT6
U8
VIPerO13
Energy saving off-line high
voltage converter
SSOP10
STMicroelectronics
VIPerO13BLS/TR
X1.X2
8MHz
Crystal 8.0000MHZ 8PF SMD 2.5x3.2 mm
NDK
NX3225GD-8MHZ-
STD-CRA-3
Rubber feet
Hammond
1421T6CL
J8,JP3,JP4
Female jumper isolated, pitch
2.54mm
Assmann WSW
AKSCT/Z BLACK
P.C.B. EVSPIN32F0251S1
Rev. 1.0
STMicroelectronics
DB3976 - Rev 1
)age 12/21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com