Electronic Components Datasheet Search
  English  ▼

X  

DS100MB201 Datasheet(PDF) 2 Page - Texas Instruments

Part # DS100MB201
Description  DS100MB201 Dual Lane 2:1/1:2 Mux/Buffer with Equalization
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS100MB201 Datasheet(HTML) 2 Page - Texas Instruments

  DS100MB201 Datasheet HTML 1Page - Texas Instruments DS100MB201 Datasheet HTML 2Page - Texas Instruments DS100MB201 Datasheet HTML 3Page - Texas Instruments DS100MB201 Datasheet HTML 4Page - Texas Instruments DS100MB201 Datasheet HTML 5Page - Texas Instruments DS100MB201 Datasheet HTML 6Page - Texas Instruments DS100MB201 Datasheet HTML 7Page - Texas Instruments DS100MB201 Datasheet HTML 8Page - Texas Instruments DS100MB201 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
NC
NC
DOUT0+
NC
1
2
3
4
TOP VIEW
DAP = GND
DOUT0-
DOUT1+
DOUT1-
5
6
7
8
DIN0+
DIN0-
VDD
NC
9
10
11
12
NC
DIN1+
DIN1-
13
18
14
15
NC
16
17
SOB0+
SOB0-
SOA1+
36
34
35
SOA1-
SOB1+
SOB1-
33
31
32
SIB1+
SIB1-
VDD
41
40
39
SOA0+
SOA0-
37
38
SIA0+
SIA0-
SIB0+
SIB0-
SIA1-
SIA1+
44
42
43
NC
NC
SMBUS AND CONTROL
30
29
28
45
VDD
VDD
DS100MB201
SNLS333A – APRIL 2011 – REVISED APRIL 2013
www.ti.com
Pin Diagram
Figure 1. DS100MB201 Pin Diagram 54L WQFN Package
See Package Number NJY0054A
PIN DESCRIPTIONS(1)
Pin Name
Pin Number
I/O, Type(2)(3)(4)
Pin Description
Differential High Speed I/O's
SIA0+, SIA0-,
45, 44,
I, CML
Inverting and non-inverting CML differential inputs to the equalizer. A gated on-
SIA1+, SIA1-
40, 39
chip 50
Ω termination resistor connects SIA_n+ to VDD and SIA_n- to VDD
when enabled.
SOA0+, SOA0-,
35, 34,
O
Inverting and non-inverting low power differential signaling 50
Ω outputs. Fully
SOA1+, SOA1-
31, 30
compatible with AC coupled CML inputs.
SIB0+, SIB0-,
43, 42,
I, CML
Inverting and non-inverting CML differential inputs to the equalizer. A gated on-
SIB1+, SIB1-
38, 37
chip 50
Ω termination resistor connects SIB_n+ to VDD and SIB_n- to VDD
when enabled.
SOB0+, SOB0-,
33, 32,
O
Inverting and non-inverting low power differential signaling 50
Ω outputs. Fully
SOB1+, SOB1-
29, 28
compatible with AC coupled CML inputs.
DIN0+, DIN0-,
10, 11,
I, CML
Inverting and non-inverting CML differential inputs to the equalizer. A gated on-
DIN1+, DIN1-
15, 16
chip 50
Ω termination resistor connects SIB_n+ to VDD and SIB_n- to VDD
when enabled.
(1)
1 = HIGH, 0 = LOW, FLOAT = 3rd input state.
(2)
FLOAT condition; Do not drive pin; pin is internally biased to mid level with 50 k
Ω pull-up/pull-down.
(3)
Internal pulled-down = Internal 30 k
Ω pull-down resistor to GND is present on the input.
(4)
Input edge rate for LVCMOS/FLOAT inputs must be faster than 50 ns from 10–90%.
2
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: DS100MB201



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com