Electronic Components Datasheet Search
  English  ▼

X  

DS560DF810 Datasheet(PDF) 9 Page - Texas Instruments

Part # DS560DF810
Description  DS560DF810 56 Gbps Multi-Rate 8-Channel Retimer with Crosspoint
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS560DF810 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DS560DF810 Datasheet HTML 3Page - Texas Instruments DS560DF810 Datasheet HTML 4Page - Texas Instruments DS560DF810 Datasheet HTML 5Page - Texas Instruments DS560DF810 Datasheet HTML 6Page - Texas Instruments DS560DF810 Datasheet HTML 7Page - Texas Instruments DS560DF810 Datasheet HTML 8Page - Texas Instruments DS560DF810 Datasheet HTML 9Page - Texas Instruments DS560DF810 Datasheet HTML 10Page - Texas Instruments DS560DF810 Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
www.ti.com
EXAMPLE BOARD LAYOUT
0.05 MAX
ALL AROUND
0.05 MIN
ALL AROUND
(0.8) TYP
(0.8) TYP
135X (
0.4)
(
0.4)
METAL EDGE
(
0.4)
SOLDER MASK
OPENING
FCBGA - 1.55 mm max height
ALU0135A
PLASTIC BALL GRID ARRAY
4225902/C 03/2022
NOTES: (continued)
3. Final dimensions may vary due to manufacturing tolerance considerations and also routing constraints.
For information, see Texas Instruments literature number SPRAA99 (www.ti.com/lit/spraa99).
LAND PATTERN EXAMPLE
EXPOSED METAL SHOWN
SCALE: 8X
SYMM
SYMM
1
J
H
G
F
E
D
C
B
A
2
3
4
5
6
7
8
9
10
11
12
13
14
15
EXPOSED METAL
SOLDER MASK
OPENING
METAL UNDER
SOLDER MASK
EXPOSED METAL
SOLDER MASK DETAILS
NOT TO SCALE
NON-SOLDER MASK
DEFINED
(PREFERRED)
SOLDER MASK
DEFINED



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com