Electronic Components Datasheet Search
  English  ▼

X  

DS90C032B Datasheet(PDF) 7 Page - Texas Instruments

Part # DS90C032B
Description  DS90C032B LVDS Quad CMOS Differential Line Receiver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DS90C032B Datasheet(HTML) 7 Page - Texas Instruments

Back Button DS90C032B Datasheet HTML 3Page - Texas Instruments DS90C032B Datasheet HTML 4Page - Texas Instruments DS90C032B Datasheet HTML 5Page - Texas Instruments DS90C032B Datasheet HTML 6Page - Texas Instruments DS90C032B Datasheet HTML 7Page - Texas Instruments DS90C032B Datasheet HTML 8Page - Texas Instruments DS90C032B Datasheet HTML 9Page - Texas Instruments DS90C032B Datasheet HTML 10Page - Texas Instruments DS90C032B Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DS90C032B
www.ti.com
SNLS052C – MARCH 1999 – REVISED APRIL 2013
For additional Failsafe Biasing information, please refer to Application Note AN-1194 for more detail.
The footprint of theDS90C032B is the same as the industry standard 26LS32 Quad Differential (RS-422)
Receiver.
For additional LVDS application information, please refer to TI's LVDS Owner's Manual available through TI's
website http://www.ti.com/lvds
Pin Descriptions
Pin No.
Name
Description
2, 6, 10, 14
RIN+
Non-inverting receiver input pin
1, 7, 9, 15
RIN−
Inverting receiver input pin
3, 5, 11, 13
ROUT
Receiver output pin
4
EN
Active high enable pin, OR-ed with EN*
12
EN*
Active low enable pin, OR-ed with EN
16
VCC
Power supply pin, +5V ± 10%
8
GND
Ground pin
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: DS90C032B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com