Electronic Components Datasheet Search
  English  ▼

X  

TS5214CW Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS5214CW
Description  300mA Low Noise LDO Voltage Regulator
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS5214CW Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS5214CW Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS5214CW Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS5214CW Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS5214CW Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS5214CW Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS5214CW Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS5214CW Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
TS5214
300mA Low Noise LDO Voltage Regulator
2/7
Version: C07
Absolute Maximum Rating (Note 1)
Parameter
Symbol
Limit
Unit
Input Supply Voltage
VIN
-20~ +20
V
Input Supply Voltage (Recommend)
VIN
+2.5 ~ +16
V
Power Dissipation (Note 2)
PD
Internal limited
SOT-23
220
SOT-89
180
Thermal Resistance
SOT-223
ӨJA
130
oC/W
Operating Junction Temperature Range
TJ
-40 ~ +125
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
5
S
Electrical Specification (VIN =Vo+1V, Io=100uA, COUT=1uF, Vce≥2V, TJ = 25oC, unless otherwise specified.)
Parameter
Conditions
Min
Typ
Max
Unit
VIN =Vo + 1V
0.97|Vo|
1.03|Vo|
Output Voltage
VIN =Vo + 1V, Io= 120mA
0.96|Vo|
VOUT
1.04|Vo|
V
Output Voltage Temp. Coefficient
(Note 4)
--
50
--
ppm/
oC
Line Regulation
Vo+1V ≤ VIN ≤ 16V
--
0.1
0.5
%
Load Regulation (Note 5)
0.1mA ≤ Io ≤ 120mA
--
1
2
%
Io=100uA
--
20
--
Io=50mA
--
250
300
Io=150mA
--
350
400
Dropout Voltage (Note 6)
Io=300mA (5V version)
--
450
500
mV
Io=100uA
--
110
150
Io=50mA
--
500
1000
Io=150mA
--
2600
3100
Ground Pin Current (Note 7)
Io=300mA (5V version)
--
3500
4200
uA
Output Current Limit
VOUT =0V
150
200
--
mA
Power Supply Rejection Ratio
At f=100Hz, Io=100uA,
--
75
--
dB
Thermal Regulation (Note 8)
--
0.05
--
%/W
Output Noise
Io=50mA, COUT =2.2uF,
--
260
--
nV√Hz
Note:
1. Exceeding the absolute maximum rating may damage the device.
2. The maximum allowable power dissipation at any Ta is Pd(max) = [TJ (max) - Ta] + ӨJA. Exceeding the maximum
allowable power dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
3. The device is not guaranteed to function outside its operating rating.
4: Output voltage temperature coefficient is defined as the worst case voltage change divided by the total temperature
range.
5: Regulation is measured at constant junction temperature using low duty cycle pulse testing. Parts are tested for
load regulation in the load range from 1mA to 300mA (5V version) and 1mA to 120mA (VOUT <5V version). Changes
in output voltage due to heating effects are covered by the thermal regulation specification.
6: Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its nominal
value measured at 1V differential.
7: Ground pin current is the regulator quiescent current plus pass transistor base current. The total current drawn from
the supply is the sum of the load current plus the ground pin current.
8: Thermal regulation is defined as the change in output voltage at a time “t” after a change in power dissipation is
applied, excluding load or line regulation effects. Specifications are for a 300mA load pulse at Vin=16V for t=10mS.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com