Electronic Components Datasheet Search
  English  ▼

X  

INA157 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA157
Description  High-Speed, Precision DIFFERENCE AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA157 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA157 Datasheet HTML 2Page - Texas Instruments INA157 Datasheet HTML 3Page - Texas Instruments INA157 Datasheet HTML 4Page - Texas Instruments INA157 Datasheet HTML 5Page - Texas Instruments INA157 Datasheet HTML 6Page - Texas Instruments INA157 Datasheet HTML 7Page - Texas Instruments INA157 Datasheet HTML 8Page - Texas Instruments INA157 Datasheet HTML 9Page - Texas Instruments INA157 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
6
®
INA157
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, and G = 1/2, unless otherwise noted.
SMALL-SIGNAL STEP RESPONSE
1
µs/div
LARGE-SIGNAL STEP RESPONSE
1
µs/div
CL = 100pF
CL = 500pF
SMALL-SIGNAL OVERSHOOT
vs LOAD CAPACITANCE
Load Capacitance (pF)
0
200
400
600
800
1000
1200
70
60
50
40
30
20
10
0
R
L = 2kΩ
100mV Step
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
Offset Voltage (
µV)
35
30
25
20
15
10
5
0
Typical Production
Distribution of
Packaged Units.
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage Drift (
µV/°C)
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20
25
20
15
10
5
0
Typical production distribution
of packaged units.
CL = 500pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com