Electronic Components Datasheet Search
  English  ▼

X  

INA157U Datasheet(PDF) 4 Page - Texas Instruments

Part # INA157U
Description  High-Speed, Precision DIFFERENCE AMPLIFIER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA157U Datasheet(HTML) 4 Page - Texas Instruments

  INA157U Datasheet HTML 1Page - Texas Instruments INA157U Datasheet HTML 2Page - Texas Instruments INA157U Datasheet HTML 3Page - Texas Instruments INA157U Datasheet HTML 4Page - Texas Instruments INA157U Datasheet HTML 5Page - Texas Instruments INA157U Datasheet HTML 6Page - Texas Instruments INA157U Datasheet HTML 7Page - Texas Instruments INA157U Datasheet HTML 8Page - Texas Instruments INA157U Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
®
INA157
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VS = ±15V, and G = 1/2, unless otherwise noted.
GAIN vs FREQUENCY
Frequency (Hz)
1k
10k
100k
1M
10M
10
0
–10
–20
–30
COMMON-MODE REJECTION RATIO vs FREQUENCY
Frequency (Hz)
1k
10k
100k
1M
100
80
60
40
RTO
POWER SUPPLY REJECTION RATIO vs FREQUENCY
Frequency (Hz)
100
1k
10k
100k
1M
120
100
80
60
40
20
0
–PSRR
RTO
+PSRR
MAXIMUM OUTPUT VOLTAGE vs FREQUENCY
Frequency (Hz)
100
1k
10k
100k
1M
10M
40
30
20
10
0
INPUT COMMON-MODE VOLTAGE
vs OUTPUT VOLTAGE
Output Voltage (V)
–20
–15
–10
–5
0
5
10
15
20
80
60
40
20
0
–20
–40
–60
–80
V
REF = 0V
R
L = 2kΩ
G = 1/2
V
S = ±15V
TOTAL HARMONIC DISTORTION + NOISE
vs FREQUENCY
Frequency (Hz)
20
100
1k
10k
20k
0.1
0.010
0.001
0.0001
V
O = 5Vrms
R
L = 600Ω
R
L = 100kΩ
R
L = 2kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com