Electronic Components Datasheet Search
  English  ▼

X  

TS7900 Datasheet(PDF) 9 Page - Taiwan Semiconductor Company, Ltd

Part # TS7900
Description  3-Terminal Fixed Negative Voltage Regulator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS7900 Datasheet(HTML) 9 Page - Taiwan Semiconductor Company, Ltd

Back Button TS7900_07 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS7900_07 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS7900_07 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS7900_07 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS7900_07 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS7900_07 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS7900_07 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS7900_07 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS7900_07 Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
TS7900 Series
3-Terminal Fixed Negative Voltage Regulator
9/11
Version: A07
ITO-220 Mechanical Drawing
Marking Diagram
XX = Output Voltage
(05=-5V, 06=-6V, 08=-8V, 09=-9V, 12=-12V, 15=-15V, 18=-18V, 24=-24V)
Y
= Year Code
M
= Month Code
(A=Jan, B=Feb, C=Mar, D=Apl, E=May, F=Jun, G=Jul, H=Aug, I=Sep,
J=Oct, K=Nov, L=Dec)
L
= Lot Code
CI
= Package Code for ITO-220
ITO-220 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
9.96
10.36
0.392
0.407
B
6.20 (typ.)
0.244 (typ.)
C
2.20 (typ.)
0.087 (typ.)
D
∮
1.40 (typ.)
∮
0.055 (typ.)
E
15.07
16.07
0.593
0.632
F
0.80 (typ.)
0.031 (typ.)
G
2.44
2.64
0.096
0.104
H
13.08
13.48
0.514
0.530
I
1.47 (max.)
0.057 (max.)
J
3.20
3.40
0.125
0.133
K
4.60
4.80
0.181
0.188
L
1.15 (typ.)
0.045 (typ.)
M
2.44
2.64
0.096
0.104
N
2.60
2.80
0.102
0.110
O
6.55
6.65
0.258
0.262



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com