Electronic Components Datasheet Search
  English  ▼

X  

INA2134MDEP Datasheet(PDF) 10 Page - Texas Instruments

Part # INA2134MDEP
Description  AUDIO DIFFERENTIAL LINE RECEIVER 0dB (G = 1)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA2134MDEP Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA2134MDEP Datasheet HTML 6Page - Texas Instruments INA2134MDEP Datasheet HTML 7Page - Texas Instruments INA2134MDEP Datasheet HTML 8Page - Texas Instruments INA2134MDEP Datasheet HTML 9Page - Texas Instruments INA2134MDEP Datasheet HTML 10Page - Texas Instruments INA2134MDEP Datasheet HTML 11Page - Texas Instruments INA2134MDEP Datasheet HTML 12Page - Texas Instruments INA2134MDEP Datasheet HTML 13Page - Texas Instruments INA2134MDEP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
V
3
5
6
3
V
O
INA2134
V
O = V3 – V2
Offset Adjustment
Range = ±300µV
2
R
3
R
1
R
2
R
4
V
2
10W
499kW
10W
100kW
+15V
–15V
1
INA2134-EP
SBOS595C – MARCH 2012 – REVISED MARCH 2012
www.ti.com
Figure 3. Offset Adjustment
Other Applications
The difference amplifier is a highly versatile building block that is useful in a wide variety of applications. See the
INA105 data sheet (SBOS145) for additional applications ideas, including:
•
Current Receiver with Compliance to Rails
•
Precision Unity-Gain Inverting Amplifier
•
±10-V Precision Voltage Reference
•
±5- Precision Voltage Reference
•
Precision Unity-Gain Buffer
•
Precision Average Value Amplifier
•
Precision G = 2 Amplifier
•
Precision Summing Amplifier
•
Precision G = 1/2 Amplifier
•
Precision Bipolar Offsetting
•
Precision Summing Amplifier with Gain
•
Instrumentation Amplifier Guard Drive Generator
•
Precision Summing Instrumentation Amplifier
•
Precision Absolute Value Buffer
•
Precision Voltage-to-Current Converter with Differential Inputs
•
Differential Input Voltage-to-Current Converter for Low IOUT
•
Isolating Current Source
•
Differential Output Difference Amplifier
•
Isolating Current Source with Buffering Amplifier for Greater Accuracy
•
Window Comparator with Window Span and Window Center Inputs
•
Precision Voltage-Controlled Current Source with Buffered Differential Inputs and Gain
•
Digitally Controlled Gain of ±1 Amplifier
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Link(s): INA2134-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com