Electronic Components Datasheet Search
  English  ▼

X  

INA143 Datasheet(PDF) 10 Page - Texas Instruments

Part # INA143
Description  High-Speed, Precision, G = 10 or G = 0.1 DIFFERENCE AMPLIFIERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA143 Datasheet(HTML) 10 Page - Texas Instruments

Back Button INA143 Datasheet HTML 6Page - Texas Instruments INA143 Datasheet HTML 7Page - Texas Instruments INA143 Datasheet HTML 8Page - Texas Instruments INA143 Datasheet HTML 9Page - Texas Instruments INA143 Datasheet HTML 10Page - Texas Instruments INA143 Datasheet HTML 11Page - Texas Instruments INA143 Datasheet HTML 12Page - Texas Instruments INA143 Datasheet HTML 13Page - Texas Instruments INA143 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
®
INA143, INA2143
SIMILAR COMPLETE
A1, A2
FEATURE
BURR-BROWN IA
OPA2227
Low Noise
INA103
OPA129
Ultra Low Bias Current (fA)
INA116
OPA2277
Low Offset Drift, Low Noise
INA114, INA128
OPA2130
Low Power, FET-Input (pA)
INA121
OPA2234
Single Supply, Precision, Low Power
INA122, INA118
OPA2237
Single Supply, Low Power, MSOP-8
INA122, INA126
The INA143 can be combined with op amps to form a complete instrumenta-
tion amplifier with specialized performance characteristics. Burr-Brown offers
many complete high performance IAs. Products with related performances
are shown at the right in the table below.
FIGURE 9. Precision G = 11 Buffer.
FIGURE 4. Difference Amplifier with Gain and CMR Adjust.
FIGURE 5. Precision G = –10 Inverting Amplifier.
This circuit follows an 11/1 divider with a gain of 11 for an overall gain of unity.
With an 11/1 divider, the input signal can exceed 55V without damage as
long as input current is less than 0.5mA.
FIGURE 6. Voltage Follower with Input Protection.
FIGURE 7. Precision Instrumentation Amplifier.
FIGURE 8. Precision Summing Amplifier.
10
Ω
10
Ω
10k
Ω
100k
Ω
10k
Ω
100k
Ω
200
Ω
200
Ω
V
1
V
2
2
3
5
1
6
V
O
Gain
Adjust
CMR
Adjust
INA143
To eliminate adjustment interactions,
first adjust gain with V
2 grounded.
V
2
25
6
INA143
3
V
O = –10 • V2
1
Gain Error = 0.05% maximum
Nonlinearity = 0.001% maximum
Gain Drift = 1ppm/
°C
10k
Ω
100k
Ω
10k
Ω
100k
Ω
25
6
INA143
3
R
3
10k
Ω
V
O = VIN
V
IN
R
1
10k
Ω
R
4
100k
Ω
1
R
2
100k
Ω
±55V
Without
Damage
V
1
–In
2
3
5
10k
Ω
100k
Ω
10k
Ω
100k
Ω
1
6
INA143
V
0 = 10 (1 + 2R2 /R1) (V2 – V1)
A
2
A
1
V
2
+In
R
1
R
2
V
O
R
2
25
6
INA143
V
1
R
1
10k
Ω
R
4
100k
Ω
1
R
2
100k
Ω
R
3
10k
Ω
3
V
3
V
O = V1 + 10 • V3
10k
Ω
100k
Ω
5
6
INA143
V
O = 11 • VIN
1
2
100k
Ω
10k
Ω
V
IN
3
Gain Error =
0.05% maximum



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com