Electronic Components Datasheet Search
  English  ▼

X  

INA330AIDGST Datasheet(PDF) 7 Page - Texas Instruments

Part # INA330AIDGST
Description  THERMISTOR SIGNAL AMPLIFIER FOR TEMPERATURE CONTROL
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA330AIDGST Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA330AIDGST Datasheet HTML 3Page - Texas Instruments INA330AIDGST Datasheet HTML 4Page - Texas Instruments INA330AIDGST Datasheet HTML 5Page - Texas Instruments INA330AIDGST Datasheet HTML 6Page - Texas Instruments INA330AIDGST Datasheet HTML 7Page - Texas Instruments INA330AIDGST Datasheet HTML 8Page - Texas Instruments INA330AIDGST Datasheet HTML 9Page - Texas Instruments INA330AIDGST Datasheet HTML 10Page - Texas Instruments INA330AIDGST Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
INA330
7
SBOS260
www.ti.com
loop can be accomplished by simply reversing the connec-
tions to the TEC, or by creating the desired polarity in the
intervening control circuitry. If differing values of V1 and V2
are used, resistor values should be chosen to maintain
balanced currents, I1 and I2. Likewise, if a lower value of RSET
is used, the excitation voltage must be lowered to keep I1 and
I2 at or below 125µA.
CFILTER is calculated by:
C
R
kHz
FILTER
G
=
(
)
1
21 6
π
.
NOISE PERFORMANCE
Temperature control loops require low noise over a small
bandwidth, typically 10Hz, or less. The INA330’s internal
auto-correction circuitry eliminates virtually all 1/f noise (noise
that increases at low frequency). The peak-to-peak voltage
noise due to IERROR, RTHERM, RSET, and the buffers at 0.01Hz
to 10Hz results in a 0.0001
°C contribution.
OUTPUT
The INA330 output (pin 8) is capable of swinging to within
10mV of the power-supply rails. It is able to achieve rail-to-
rail output performance while sinking or sourcing 12.5
µA.
VADJUST can be used to create an offset voltage around which
the output can be centered.
ENABLE FUNCTION
The INA330 is enabled by applying a logic HIGH voltage
level to the Enable pin. Conversely, a logic LOW voltage
level will disable the amplifier, reducing its supply current
from 2.6mA to typically 2
µA. This pin should be connected to
a valid HIGH or LOW voltage or driven, not left open circuit.
Applications not requiring disable can connect pin 6 directly
to V+. The Enable pin can be modeled as a CMOS input
gate, as shown in Figure 4.
SELECTING COMPONENTS
RSET is the primary “reference” for the temperature control
loop. Its absolute resistance controls the set-point tempera-
ture. Again, its initial accuracy can be calibrated, but its
stability is crucial. Therefore, a high-quality, low-temperature
coefficient type must be used.
A 25ppm/
°C precision resistor changes 0.15% from –40°C to
+85
°C. This will produce a 0.03°C change in set-point tem-
perature. This error is approximately three-times larger than
that produced by the INA330.
The transfer function for the configuration shown in Figure 3 is:
VV
R
I
I
O
ADJ
G
=+
(
)
12
–
or
VV
R
V
R
V
R
O
ADJ
G
THERM
SET
=+


12
–
With V1 = V2 = VEXCITE,
VV
V
R
RR
O
ADJ
EXCITE
G
THERM
SET
=+


11
–
2
3
10
1
95
4
V+
V
2
V
EXCITE
1V
V
1
6
Enable
High = On
Low = Off
8
7
I
1
I
2
R
SET
10k
Ω
R
G
200k
Ω
Thermistor
R
THERM = 10kΩ
C
FILTER
500pF
I
O = I1 – I2
V
O
V
ADJUST = +2.5V
FIGURE 3. Basic Configuration for the INA330.
V+
Enable
6
2
µA
FIGURE 4. Enable Pin Model.
Nominal values should use RSET = RTHERM = 10kΩ at the
designed control temperature. Values less than 2k
Ω can
cause the voltage excitation buffers to become unstable. The
buffer connected to pin 10 is characterized and tested to
supply the changing current in the thermistor. The thermistor
should not be connected to pin 1. An inversion of the control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com