Electronic Components Datasheet Search
  English  ▼

X  

INA321E/250 Datasheet(PDF) 6 Page - Texas Instruments

Part # INA321E/250
Description  microPower, Single-Supply, CMOS Instrumentation Amplifier
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA321E/250 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA321E/250 Datasheet HTML 2Page - Texas Instruments INA321E/250 Datasheet HTML 3Page - Texas Instruments INA321E/250 Datasheet HTML 4Page - Texas Instruments INA321E/250 Datasheet HTML 5Page - Texas Instruments INA321E/250 Datasheet HTML 6Page - Texas Instruments INA321E/250 Datasheet HTML 7Page - Texas Instruments INA321E/250 Datasheet HTML 8Page - Texas Instruments INA321E/250 Datasheet HTML 9Page - Texas Instruments INA321E/250 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
INA321
INA2321
SBOS168D − DECEMBER 2000 − REVISED JANUARY 2006
www.ti.com
6
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = 5V, VCM =1/2VS, RL = 25kΩ, and CL = 50pF, unless otherwise noted.
To Positive Rail
To Negative Rail
OUTPUT SWING vs LOAD RESISTANCE
0
R
LOAD (Ω)
20k
40k
60k
80k
100k
25
20
15
10
5
0
COMMON−MODE INPUT RANGE
vs REFERENCE VOLTAGE
0
Input Common−Mode Voltage (V)
1234
5
6
5
4
3
2
1
0
Outside of Normal Operation
REF
Increasing
QUIESCENT CURRENT AND SHUTDOWN CURRENT
vs POWER SUPPLY
Supply Voltage (V)
2.5
3
3.5
4
4.5
5
5.5
50
45
40
35
30
25
20
15
10
5
0
500
450
400
350
300
250
200
150
100
50
0
I
Q
I
SD
QUIESCENT CURRENT AND SHUTDOWN CURRENT
vs TEMPERATURE
−75
600
500
400
300
200
100
0
Temperature (
_C)
−50 −25
0
25
50
75
100
125
150
60
55
50
45
40
35
30
25
20
15
10
5
0
I
Q
ISD
SHORT−CIRCUIT CURRENT vs POWER SUPPLY
Supply Voltage (V)
2.53
3.544.5
5
5.5
20
15
10
5
0
I
SC+
I
SC
−
SHORT−CIRCUIT CURRENT vs TEMPERATURE
−75
Temperature (
_C)
−50 −25
0
25
50
75
100
125
150
30
25
20
15
10
5
0
I
SC+
I
SC
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com