Electronic Components Datasheet Search
  English  ▼

X  

INA337 Datasheet(PDF) 1 Page - Texas Instruments

Part # INA337
Description  Wide-Temperature, Precision INSTRUMENTATION AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA337 Datasheet(HTML) 1 Page - Texas Instruments

  INA337 Datasheet HTML 1Page - Texas Instruments INA337 Datasheet HTML 2Page - Texas Instruments INA337 Datasheet HTML 3Page - Texas Instruments INA337 Datasheet HTML 4Page - Texas Instruments INA337 Datasheet HTML 5Page - Texas Instruments INA337 Datasheet HTML 6Page - Texas Instruments INA337 Datasheet HTML 7Page - Texas Instruments INA337 Datasheet HTML 8Page - Texas Instruments INA337 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
INA337
INA338
SBOS248 – JUNE 2002
www.ti.com
DESCRIPTION
The INA337 and INA338 (with shutdown) are high tempera-
ture, high-performance, low-cost, precision instrumentation
amplifiers. They are true single-supply instrumentation ampli-
fiers with very-low DC errors and input common-mode ranges
that extends beyond the positive and approaches the nega-
tive rail. These features make them suitable for applications
ranging from general-purpose to high-accuracy.
Excellent long-term stability and very low 1/f noise assure
low offset voltage and drift throughout the life of the product.
The INA337 (without shutdown) comes in the MSOP-8 pack-
age. The INA338 (with shutdown) is offered in MSOP-10.
Both are specified over the temperature range, –40
°C to
+125
°C.
FEATURES
q PRECISION
LOW OFFSET: 100
µV (max)
LOW OFFSET DRIFT: 0.4
µV/°C (max)
EXCELLENT LONG-TERM STABILITY
VERY-LOW 1/f NOISE
q SMALL SIZE
microPACKAGE: MSOP-8, MSOP-10
q LOW COST
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2002, Texas Instruments Incorporated
Wide-Temperature, Precision
INSTRUMENTATION AMPLIFIER
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
APPLICATIONS
q LOW-LEVEL TRANSDUCER AMPLIFIER FOR
BRIDGES, LOAD CELLS, THERMOCOUPLES
q WIDE DYNAMIC RANGE SENSOR
MEASUREMENTS
q HIGH-RESOLUTION TEST SYSTEMS
q WEIGH SCALES
q MULTI-CHANNEL DATA ACQUISITION
SYSTEMS
q MEDICAL INSTRUMENTATION
q AUTOMOTIVE APPLICATIONS
q GENERAL-PURPOSE
INA337 AND INA338 RELATED PRODUCTS
PRODUCT
FEATURES
INA326
Precision, Rail-to-Rail I/O, 2.4mA IQ
INA114
50
µV V
OS, 0.5nA IB, 115dB CMR, 3mA IQ, 0.25µV/°C drift
INA118
50
µV V
OS, 1nA IB, 120dB CMR, 385µA IQ, 0.5µV/°C drift
INA122
250
µV V
OS, –10nA IB, 85µA IQ, Rail-to-Rail Output, 3µV/°C drift
INA128
50
µV V
OS, 2nA IB, 125dB CMR, 750µA IQ, 0.5µV/°C drift
INA321
500
µV V
OS, 0.5pA IB, 94dB CMRR, 60µA IQ, Rail-to-Rail Output
INA337
R
1
R
2
C
2
V
IN–
V
IN+
7
V+
4
V–
V
O
5
6
2
1
8
3
G = 2(R
2/R1)
INA33
8
INA3
37


Similar Part No. - INA337

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA337 TI-INA337 Datasheet
280Kb / 14P
Wide-Temperature, Precision INSTRUMENTATION AMPLIFIER
INA337 TI1-INA337 Datasheet
830Kb / 19P
INSTRUMENTATION AMPLIFIER
INA337 TI2-INA337 Datasheet
885Kb / 28P
Precision, Rail-to-Rail I/O INSTRUMENTATION AMPLIFIER
REVISED NOVEMBER 2004
INA337AIDGKR TI-INA337AIDGKR Datasheet
280Kb / 14P
Wide-Temperature, Precision INSTRUMENTATION AMPLIFIER
INA337AIDGKR TI1-INA337AIDGKR Datasheet
830Kb / 19P
INSTRUMENTATION AMPLIFIER
More results

Similar Description - INA337

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
Precision Instrumentation Amplifier
REV.C
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
Precision INSTRUMENTATION AMPLIFIER
logo
Texas Instruments
INA337 TI-INA337 Datasheet
280Kb / 14P
Wide-Temperature, Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
Precision Instrumentation Amplifier
REV. C
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD524 AD-AD524_16 Datasheet
519Kb / 29P
Precision Instrumentation Amplifier
Rev. F
AD624 AD-AD624_16 Datasheet
468Kb / 17P
Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
Precision Instrumentation Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com