Electronic Components Datasheet Search
  English  ▼

X  

INA326 Datasheet(PDF) 12 Page - Texas Instruments

Part # INA326
Description  Wide-Temperature, Precision INSTRUMENTATION AMPLIFIER
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA326 Datasheet(HTML) 12 Page - Texas Instruments

Back Button INA326 Datasheet HTML 8Page - Texas Instruments INA326 Datasheet HTML 9Page - Texas Instruments INA326 Datasheet HTML 10Page - Texas Instruments INA326 Datasheet HTML 11Page - Texas Instruments INA326 Datasheet HTML 12Page - Texas Instruments INA326 Datasheet HTML 13Page - Texas Instruments INA326 Datasheet HTML 14Page - Texas Instruments INA326 Datasheet HTML 15Page - Texas Instruments INA326 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
INA337, INA338
12
SBOS222A
www.ti.com
2k
Ω
200k
Ω
200k
Ω
V
REF
R
O
5
C
O
C
2
V
REF
INA337
A/D
Converter
G = 2(200k
Ω || 200kΩ)/2kΩ = 100
FIGURE 6. Output Range Pedestal.
FIGURE 7. High-Side Shunt Measurement of Current Load.
FILTERING
Filtering can be adjusted through selection of R2C2 and
ROCO for the desired tradeoff of noise and bandwidth. Adjust-
ment of these components will result in more or less ripple
due to auto-correction circuitry noise and will also affect
broadband noise. Filtering limits slew rate, settling time, and
output overload recovery time.
It is generally desirable to keep the resistance of RO relatively
low to avoid DC gain error created by the subsequent stage
loading. This may result in relatively high values for CO to
produce the desired filter response. The impedance of ROCO
can be scaled higher to produce smaller capacitor values if
the load impedance is very high.
Certain capacitor types greater than 0.1
µF may have dielec-
tric absorption effects that can significantly increase settling
time in high-accuracy applications (settling to 0.01%). Polypro-
pylene, polystyrene, and polycarbonate types are generally
good. Certain “high-K” ceramic types may produce slow
settling “tails.” Settling time to 0.1% is not generally affected
by high-K ceramic capacitors. Electrolytic types are not
recommended for C2 and CO.
INA338 ENABLE FUNCTION
The INA338 can be enabled by applying a logic “High”
voltage level to the Enable pin. Conversely, a logic “Low”
voltage level will disable the amplifier, reducing its supply
current from 2.4mA to typically 2
µA. For battery-operated
applications, this feature may be used to greatly reduce the
average current and extend battery life. This pin should be
connected to a valid high or low voltage or driven, not left
open circuit. The Enable pin can be modeled as a CMOS
input gate as in Figure 5.
R
1
R´
2
5
R
0
R
2
C
2
C
0
V
REF = 10V to 5V
G = 2 (R
2 || R´2)/R1
INA337
R
2 and R´2 are chosen to
create a small pedestal
voltage (e.g., 250mV).
Gain is determined by
the parallel combination
of R
2 and R´2.
INA337
+5V
I
L
5
R
O
R
S
R
1
R
2
C
2
C
O
NOTE: Connection point
of V+ will include (
) or
exclude (
) quiescent
current in the measurement
as desired. Output pedestal
required for measurements
near zero (see Figure 6).
R
S must be chosen
so that the input voltage
does not exceed 100mV
above the rail.
FIGURE 8. Output Referenced to VREF/2.
FIGURE 5. Enable Pin Model.
V+
Enable
6
2
µA
V–
The enable time following shutdown is 75
µs plus the settling
time due to filters (see Typical Characteristics, “Input Offset
Voltage vs Warm-up Time”). Disable time is 100
µs. This
allows the INA338 to be operated as a “gated” amplifier, or
to have its output multiplexed onto a common output bus.
When disabled, the output assumes a high-impedance state.
INA338 PIN 5
Pin 5 of the INA338 should be connected to V+ to ensure
proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com