Electronic Components Datasheet Search
  English  ▼

X  

INA901EVM-CVAL Datasheet(PDF) 1 Page - Texas Instruments

Part # INA901EVM-CVAL
Description  INA901-SP Radiation Hardened, –15-V to 65-V Common Mode, Unidirectional Current-Shunt Monitor
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

INA901EVM-CVAL Datasheet(HTML) 1 Page - Texas Instruments

  INA901EVM-CVAL Datasheet HTML 1Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 2Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 3Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 4Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 5Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 6Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 7Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 8Page - Texas Instruments INA901EVM-CVAL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
5 NŸ
5 NŸ
RL
96 NŸ
RS
GND
Single-Pole
Filter Capacitor
Load
OUT
+2.7 V to +18 V
-15 V to +65 V
Supply
IN+
IN-
A1
A2
+
+
±
±
+
±
PRE OUT
BUF IN
V+
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
INA901-SP
SBOS938C – OCTOBER 2018 – REVISED JUNE 2020
INA901-SP Radiation Hardened, –15-V to 65-V Common Mode,
Unidirectional Current-Shunt Monitor
1
1 Features
1
•
5962-1821001
–
Radiation Hardness Assured (RHA)
50 krad(Si) at Low Dose Rate
–
Single Event Latch-up (SEL)
Immune to 75 MeV-cm2/mg at 125 °C
–
See Radiation Reports
–
Qualified Over the Military
Temperature Range (–55 °C to 125 °C)
–
High-Performance 8-Pin
Ceramic Flat Pack Package (HKX)
•
Wide Common-Mode Range: –15 V to 65 V
•
CMRR: 120 dB
•
Accuracy:
–
±0.5-mV Offset
–
±0.2% Gain Error
–
2.5-μV/°C Offset Drift
–
50-ppm/°C Gain Drift
•
Bandwidth: Up to 130 kHz
•
Gain: 20 V/V
•
Quiescent Current: 700 μA
•
Power Supply: 2.7 V to 16 V
•
Provision for Filtering
2 Applications
•
Power Supervision
•
Overcurrent and Undercurrent Detection
•
Satellites Telemetry
•
Space Signal Conditioning
•
Motor Control Loops
3 Description
The INA901-SP is a voltage-output, current-sense
amplifier that can sense drops across shunt resistors
at common-mode voltages from –15 V to 65 V,
independent of the supply voltage. The INA901-SP
operates from a single 2.7-V to 16-V supply, drawing
700 μA (typical) of supply current.
The gain of the INA901-SP is 20 V/V. The 130-kHz
bandwidth simplifies use in current-control loops. The
pinouts readily enable filtering.
The device is specified over the extended operating
temperature range of –55 °C to 125 °C and is offered
in an 8-pin CFP package.
Device Information(1)
PART NUMBER
GRADE
PACKAGE
5962L1821001VXC
QMLV RHA
[50 krad(Si)]
8-lead CFP
[HKX]
6.48 × 6.48 mm
Weight: 0.39 g(3)
5962-1821001VXC
QMLV
INA901HKX/EM
Engineering Samples(2)
INA901EVM-CVAL
Ceramic Evaluation
Board
—
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
(2) These units are intended for engineering evaluation only.
They are processed to a noncompliant flow. These units are
not suitable for qualification, production, radiation testing or
flight use. Parts are not warranted for performance over the
full MIL specified temperature range of –55 °C to 125 °C or
operating life.
(3) Weight is accurate to ±10%.
Simplified Schematic


Similar Part No. - INA901EVM-CVAL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA901EVM-CVAL TI-INA901EVM-CVAL Datasheet
498Kb / 25P
INA901-SP Radiation Hardened, ??5-V to 65-V Common Mode, Unidirectional Current-Shunt Monitor
More results

Similar Description - INA901EVM-CVAL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
INA193A-Q1 TI1-INA193A-Q1 Datasheet
464Kb / 22P
CURRENT SHUNT MONITORS ??6-V to 80-V Common-Mode Range
UC1845A-SP TI-UC1845A-SP_15 Datasheet
874Kb / 28P
UC1845A-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
INA195 TI-INA195_15 Datasheet
1Mb / 33P
INA19x Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA193 TI1-INA193_15 Datasheet
1Mb / 33P
Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA270 TI1-INA270_14 Datasheet
816Kb / 26P
Unidirectional Measurement Current-Shunt Monitor
INA193 TI1-INA193_17 Datasheet
1Mb / 33P
Current Shunt Monitor ??6 V to 80 V Common-Mode Range
INA901-SP TI-INA901-SP Datasheet
498Kb / 25P
INA901-SP Radiation Hardened, ??5-V to 65-V Common Mode, Unidirectional Current-Shunt Monitor
UC1843B-SP TI-UC1843B-SP_V01 Datasheet
3Mb / 27P
UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
UC1843B-SP TI-UC1843B-SP_V02 Datasheet
3Mb / 31P
UC1843B-SP QML Class V, Radiation Hardened Current-Mode PWM Controller
logo
ON Semiconductor
NCS21673 ONSEMI-NCS21673 Datasheet
873Kb / 16P
Current-Shunt Monitors, 40 V Common Mode, Unidirectional, Single, Dual, Quad
August, 2021 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com