Electronic Components Datasheet Search
  English  ▼

X  

OPB735 Datasheet(PDF) 4 Page - TT Electronics.

Part # OPB735
Description  Reflective Object Sensor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB735 Datasheet(HTML) 4 Page - TT Electronics.

  OPB735 Datasheet HTML 1Page - TT Electronics. OPB735 Datasheet HTML 2Page - TT Electronics. OPB735 Datasheet HTML 3Page - TT Electronics. OPB735 Datasheet HTML 4Page - TT Electronics. OPB735 Datasheet HTML 5Page - TT Electronics. OPB735 Datasheet HTML 6Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Reflective Object Sensor
OPB735A, OPB735B, OPB735C
OPB735AWZ, OPB735BWZ, OPB735CWZ
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev - 10/2020 Page 4
Note:
(1) Test surface is a front surface mirror (polished aluminum, 85% reflectance) located 0.50 in.(12.7 mm) from the front surface of the device.
(2) Tested with a pulsed LED at 1 KHz
(3) Tested with a pulsed LED at 100 Hz
(4) To calculate typical collector dark current in nA , use the formula ICEO = 10
(0.040TA-3.4) where T
A is ambient temperature in °C
Electrical Characteristics (TA = 25 °C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
VF
Forward Voltage
-
-
1.80
V
IF = 50 mA
IR
Reverse Current
-
-
100
µA
VR = 2 V
Output Phototransistor (OPB735A, OPB735B, OPB735AWZ, OPB735BWZ)
V(BR)CEO
Collector-Emitter Breakdown Voltage
30
-
-
V
IC = 100 µA
V(BR)ECO
Emitter-Collector Breakdown Voltage
5
-
-
V
IE = 100 µA
ICEO
Collector Dark Current
-
-
100
nA
VCE = 10 V, IF = 0
(4)
Output Photodarlington (OPB735C, OPB735CWZ)
V(BR)CEO
Collector-Emitter Breakdown Voltage
15
-
-
V
IC = 100 µA
V(BR)ECO
Emitter-Collector Breakdown Voltage
5
-
-
V
IE = 100 µA
ICEO
Collector Dark Current
-
-
250
nA
VCE = 10 V, IF = 0
(4)
Coupled
VCE(SAT)
Saturation Voltage
OPB735A, OPB735AWZ
OPB735B, OPB735BWZ
OPB735C, OPB735CWZ
-
-
-
-
-
-
0.40
0.40
1.10
V
IF = 30 mA, IC = 5 µA
(1)
IF = 30 mA, IC = 20 µA
(1)
IF = 30 mA, IC = 250 µA
(1)
IC(ON)
On-State Collector Current
OPB735A, OPB735AWZ
OPB735B, OPB735BWZ
0.04
0.16
-
-
-
-
mA
VCE = 5 V, IF = 30 mA ,
(1)
IC(ON)
OPB735C, OPB735CWZ
2.0
-
-
mA
VCE = 5 V, IF = 20 mA ,
(1)
tr, tf
Rise And Fall Time
OPB735A, OPB735AWZ
(2)
OPB735B, OPB735BWZ
(2)
OPB735C, OPB735CWZ
(3)
15
15
250
µs
VCC = 5 V, VL = 1 V, RL = 1000 Ω
Electrical Specifications



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com