Electronic Components Datasheet Search
  English  ▼

X  

ISO120 Datasheet(PDF) 12 Page - Texas Instruments

Part # ISO120
Description  Precision Low Cost ISOLATION AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO120 Datasheet(HTML) 12 Page - Texas Instruments

Back Button ISO120 Datasheet HTML 8Page - Texas Instruments ISO120 Datasheet HTML 9Page - Texas Instruments ISO120 Datasheet HTML 10Page - Texas Instruments ISO120 Datasheet HTML 11Page - Texas Instruments ISO120 Datasheet HTML 12Page - Texas Instruments ISO120 Datasheet HTML 13Page - Texas Instruments ISO120 Datasheet HTML 14Page - Texas Instruments ISO120 Datasheet HTML 15Page - Texas Instruments ISO120 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
ISO120/121
FIGURE 9. Right-Leg Driven ECG Amplifier (with defibrillator protection and calibration).
2
1
+
–
23
21
24
2
3
10
11
22
0.001µF
+V
S1
8
6
10
9
ISO
120
INA110
415
16
+V
S1
–V
SI
+V
S2
–V
S2
13
14
1
7
200k
Ω
200k
Ω
0.005 Power Resistor
120Vrms
100A
3
θ Y-Connected Power Transformer
C
1
–V
S1
912
V
OUT
C
2
C
1 = 1000pF
C
2 = 1000pF
Differential input accurately senses power resistor voltage.
Two resistors protect INA110 from open power resistor.
High frequency spike reject filter has f
CO = 400Hz.
FIGURE 8. Isolated Powerline Monitor.
15
4
7
5
6
14
+
–
37
40
38
39
1
2
21
22
18
19
20
23
24
4
3
PWS
726A
32
29
1
4
1
0.3
14
16
20k
Ω
20pF
–V
S1
+V
S2
20µH
+V
S1
+V
S1
–V
S1
–V
S2
+V
S2
C
2
C
1
Calibration Signal
5.00V
0V
1/2W
300k
Ω
50k
Ω
1/2W
300k
Ω
50k
Ω
1/2W
300k
Ω
180k
Ω
Calibration
On
Left Arm
On
Right Arm
Calibration
Right Leg
NE2H
NE2H
NE2H(2)
500pF
500pF
200pF
7
4
3
2
–V
S1
+V
S1
–V
S1
+V
S1
–V
S1
+V
S1
+V
S1
12
0.0082(1)
0.0082
–V
S1
9
8
10
11
13
5M
Ω
1k
Ω
1mV
Gain = 1000
17
ISO
121
INA102
OPA121
NOTE: (1) All capacitor values in µF unless otherwise
noted. Diodes are IN4148. (2) NE2H: Neon bulb, max
striking voltage 95V
AC.
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com