Electronic Components Datasheet Search
  English  ▼

X  

OPB856 Datasheet(PDF) 2 Page - TT Electronics.

Part # OPB856
Description  Wide Gap Optical Sensor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPB856 Datasheet(HTML) 2 Page - TT Electronics.

  OPB856 Datasheet HTML 1Page - TT Electronics. OPB856 Datasheet HTML 2Page - TT Electronics. OPB856 Datasheet HTML 3Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
Wide Gap Optical Sensor
OPB856Z
Rev B
09/2016
Page 2
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Absolute Maximum Ratings (TA = 25° C unless otherwise noted)
Storage & Operating Temperature Range
-40° C to +85° C
Lead Soldering Temperature [1/16 inch (1.6 mm) from case for 5 seconds with soldering iron]
260° C
Input Diode (See OP165 for additional information)
Continuous Forward DC Current
40 mA
Reverse Voltage
2 V
Power Dissipation
(1)
100 mW
Output Phototransistor (See OP505 for additional information)
Collector-Emitter Voltage
30 V
Emitter-Collector Voltage
5 V
Power Dissipation
(1)
100 mW
Electrical Specifications
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode (See OP165 for additional information)
VF
Forward Voltage
-
-
1.7
V
IF = 20 mA
IR
Reverse Current
-
-
100
µA
VR = 2 V
Output Phototransistor (See OP505 for additional information)
V(BR)CEO
Collector-Emitter Breakdown Voltage
30
-
-
V
IC = 100 µA
V(BR)ECO
Emitter-Collector Breakdown Voltage
5
-
-
V
IE = 100 µA
ICEO
Collector Dark Current
-
-
100
nA
VCE = 10 V, IF = 0, EE = 0
Combined
IC(ON)
On-State Collector Current
(3)
1.8
-
-
mA
VCE = 5 V, IF = 20 mA, d = 2”
( (50.8 mm)(2)
Notes:
(1) Derate linearly 1.67 mW/°C above 25 ° C..
(2) Distance between lenses along the optical axis is “d”.
(3) All parameters tested using pulse technique.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com