Electronic Components Datasheet Search
  English  ▼

X  

OPF693 Datasheet(PDF) 3 Page - TT Electronics.

Part # OPF693
Description  Fiber Optic Transmitter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPF693 Datasheet(HTML) 3 Page - TT Electronics.

  OPF693 Datasheet HTML 1Page - TT Electronics. OPF693 Datasheet HTML 2Page - TT Electronics. OPF693 Datasheet HTML 3Page - TT Electronics. OPF693 Datasheet HTML 4Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© TT electronics plc 
General Note  
TT Electronics reserves the right to make changes in product specifica on without 
no ce or liability.  All informa on is subject to TT Electronics’ own data and is 
considered accurate at  me of going to print. 
Fiber Optic Transmitter
OPF693‐2 
Rev B      08/2016     Page 3 
TT Electronics | OPTEK Technology 
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200 
www. electronics.com | sensors@ electronics.com 
Absolute Maximum Ra ngs (TA = 25° C unless otherwise noted) 
Storage Temperature Range ‐55° C to +100° C 
Opera ng Temperature Range ‐40° C to +85° C 
Lead Soldering Temperature
(1) 
260° C 
Con nuous Forward Current
(2) 
100 mA 
Maximum Reverse Voltage 
1.0 V 
Electrical Specifications
Electrical Characteris cs (TA = 25° C unless otherwise noted)  
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
POC  
Total Coupled Power  
50/125 mm Fiber, NA = 0.20 
µW 
IF = 100 mA 
OPF693‐2 
25.0 
50.0 
80.0 
VF 
Forward Voltage  
 
1.8 
2.2 
V 
IF = 100 mA 
VR 
Reverse Voltage  
1.8  
 
V 
IR = 100 µA 
λ 
Wavelength  
830 
850 
870 
nm 
IF = 50 mA 
Dλ 
Op cal Bandwidth  
 
45 
60 
nm 
IF = 50 mA 
tr,tf 
Rise and Fall Time  
 
4.5 
6.0 
ns 
IF = 100 mA; 10% to 90%
(3) 
Notes: 
1.  Maximum of 5 seconds with soldering iron.  Dura on can be extended to 10 seconds when flow soldering. RMA flux is 
recommended. 
2.  De‐rate linearly at 1.33mA /°C above 25°C . 
3.  No Pre‐bias. 
4.  All Optek fiber op c LED products are subjected to 100% burn‐in as part of its quality control process.  The burn‐in con‐
di ons are 96 hours at 100mA drive current and 25°C ambient temperature. 



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com