Electronic Components Datasheet Search
  English  ▼

X  

OPS691 Datasheet(PDF) 5 Page - TT Electronics.

Part # OPS691
Description  LED and Photosensor Pairs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

OPS691 Datasheet(HTML) 5 Page - TT Electronics.

  OPS691 Datasheet HTML 1Page - TT Electronics. OPS691 Datasheet HTML 2Page - TT Electronics. OPS691 Datasheet HTML 3Page - TT Electronics. OPS691 Datasheet HTML 4Page - TT Electronics. OPS691 Datasheet HTML 5Page - TT Electronics. OPS691 Datasheet HTML 6Page - TT Electronics. OPS691 Datasheet HTML 7Page - TT Electronics. OPS691 Datasheet HTML 8Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
LED and Photosensor Pairs
OPS666, OPS667, OPS691, OPS692, OPS693,
OPS698
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Pkwy, Plano, TX 75074 | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev B 02/2020 Page 5
Electrical Specifications
Electrical Characteristics (TA = 25° C unless otherwise noted)
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Diode
VF
Forward Voltage
-
-
1.6
V
IF = 20 mA
IR
Reverse Current
-
-
100
µA
VR = 2 V
Output Phototransistor
V(BR)CEO
Collector-Emitter Breakdown Voltage
30
-
-
V
IC = 100 µA, EE = 0
V(BR)ECO
Emitter-Collector Breakdown Voltage
5.0
-
-
V
IE = 100 µA, EE = 0
ICEO
Collector-Emitter Dark Current
OPS666/667
OPS691/692/693
OPS698
-
-
-
-
-
-
100
100
100
nA
nA
nA
VCE = 15 V, IF = 0, IE = 0
VCE = 10 V, IF = 0, IE = 0
VCE = 10 V, IF = 0, IE = 0
Combined
VCE(SAT)
Collector-Emitter Saturation Voltage
OPS666/667
OPS691/692/693
OPB698
-
-
-
-
-
-
-
0.4
0.4
-
V
V
-
IF = 20 mA, IC = 50 µA
(3)
IF = 20 mA, IC = 50 µA
(3)
IC(ON)
On-State Collector Current
OPS666
OPS667
OPS691
OPS692
OPS693, OPS698
1.0
5.0
500
1.0
2.0
-
-
-
-
-
-
-
-
-
-
mA
mA
µA
mA
mA
VCE = 5 V, IF = 20 mA
(3)
VCE = 10 V, IF = 20 mA
(3)
Notes:
(1)
RMA flux is recommended. Duration can be extended to 10 seconds maximum when flow soldering.
(2)
Derate linearly 1.33 mW/° C above 25° C.
(3)
Distance from lens tip to lens tip is 0.250” (6.35 mm) - OPS666, OPS667
Distance from lens tip to lens tip is 0.125” (3.175 mm) - OPS691 thru OPS698



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com