Electronic Components Datasheet Search
  English  ▼

X  

MCSP4850DM Datasheet(PDF) 3 Page - Sensata Technologies, Inc.

Part # MCSP4850DM
Description  SOFT START/SOFT STOP SOLID STATE RELAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSATA [Sensata Technologies, Inc.]
Direct Link  https://www.sensata.com/
Logo SENSATA - Sensata Technologies, Inc.

MCSP4850DM Datasheet(HTML) 3 Page - Sensata Technologies, Inc.

  MCSP4850DM Datasheet HTML 1Page - Sensata Technologies, Inc. MCSP4850DM Datasheet HTML 2Page - Sensata Technologies, Inc. MCSP4850DM Datasheet HTML 3Page - Sensata Technologies, Inc. MCSP4850DM Datasheet HTML 4Page - Sensata Technologies, Inc. MCSP4850DM Datasheet HTML 5Page - Sensata Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Page 3
www.sensata.com
Copyright © 2024 Sensata Technologies, Inc.
MECHANICAL SPECIFICATIONS
Tolerances: ±0.02 in / 0.5 mm
All dimensions are in inches [millimeters]
Weight (typical)
3.0 oz (86.5g)
Encapsulation
Thermally Conductive Epoxy
Terminals-Power
Screws and Saddle Clamps Furnished, Unmounted
Terminals-Control
Barrier Strip Screw Terminals
Max. Terminal (Power) Screw Torque
20 lb-in (8-32 screws, dry without grease)
THERMAL DERATE INFORMATION
WIRING DIAGRAM
OUTPU T
STATUS
P1 8-32Vdc (+)
P2 Ground (-)
P3 ON/OFF Contro l
0-5V, 0-7V, 0-10V, 4-20mA
Note: P2 is also 4-20mA return
OUTPU T
AC
P1
10K - 50K
For A,B or C Option
P4
P2
1/L1
2/T1
+
+
Analog Input OPTIONS: A, B, C, D
Analog Input OPTIONS: E (Internal Potentiometer)
1.87
[47.5]
2.30
[58.4]
OUTPUT
1/L1
2/T1
OUTPUT
STATUS
P4
P3
P2
P1
1.80
(45.7)
1.10
(27.9)
.78
(19.8)
.45
(11.4)
BASE PL ATE
.125(3.2)
MOUNTING
HOLE/SLOT
0.17 (4.3) DIA.
8-32 TERMINAL
(2 PLACES)
1.87
[47.5]
2.30
[58.4]
OUTPUT
1/L1
2/T1
OUTPUT
STATUS
P3
P2
P1
1.80
(45.7)
1.10
(27.9)
.78
(19.8)
.45
(11.4)
BASE PL ATE
.125(3.2)
MOUNTING
HOLE/SLOT
0.17 (4.3) DIA.
8-32 TERMINAL
(2 PLACES)
0
10
15
5
20
25
30
95
100
110
120
51
01
52
02
52
04
06
08
0
25A
Load Current (Amps)
Max Ambient Temp. (”C)
NO HEATSINK
3
2
1
0
20
40
60
95
100
110
120
10
20
30
40
50
20
40
60
80
50A
Load Current (Amps)
Max Ambient Temp. (”C)
2
1
.5
NO HEATSINK
1.5
0
40
80
120
90
100
110
120
20
40
60
80
02
04
06
08
0
90A
Load Current (Amps)
Max Ambient Temp. (”C)
1
.5
.4
.2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com