Electronic Components Datasheet Search
  English  ▼

X  

TS9010 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS9010
Description  150mA CMOS LDO with Enable
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9010 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS9010 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9010 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9010 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9010 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9010 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS9010 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TS9010 Series
150mA CMOS LDO with Enable
1/6
Version: A07
SOT-25
General Description
The TS9010 series is combine high accuracy with very low power consumption, providing high output current even
when the application requires very low dropout voltage. The Chip Enable (CE) includes a CMOS or TTL compatible
input allows the output to be turned off to prolong battery life. The TS9010 series is included a precision voltage
reference, error correction circuit, a current limited output driver and over temperature shutdown.
This series are offered in 5-pin SOT-25 package.
Features
●
Dropout voltage typically 0.4V @Io=150mA (Vo=5V)
●
Output current up to 150mA (Vout=3V)
●
Low power consumption
●
Output voltage ±2%
●
Internal current limit
●
Thermal shutdown protection
Ordering Information
Note: Where x denotes voltage option, available are
A= 1.5V
D= 1.8V,
K= 2.5V,
S= 3.3V,
5= 5.0V.
Contact factory for additional voltage options.
Part No.
Package
Packing
TS9010xCX5 RF
SOT-25
3Kpcs / 7” Reel
Applications
●
Palmtops
●
Video recorders
●
Battery powered equipment
●
PC peripherals
●
High-efficiency linear power supplies
● Digital signal camera
Block Diagram
Typical Application Circuit
CE (pin 3) may be connected directly to Vin (pin 2)
Pin Definition:
1. Ground
2. Input
3. Enable
4. N/C
5. Output


Similar Part No. - TS9010

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS9010 TSC-TS9010 Datasheet
97Kb / 4P
150mA CMOS Low Dropout Voltage Regulator with Enable
TS90105CX5 TSC-TS90105CX5 Datasheet
97Kb / 4P
150mA CMOS Low Dropout Voltage Regulator with Enable
TS9010ACX5 TSC-TS9010ACX5 Datasheet
97Kb / 4P
150mA CMOS Low Dropout Voltage Regulator with Enable
TS9010DCX5 TSC-TS9010DCX5 Datasheet
97Kb / 4P
150mA CMOS Low Dropout Voltage Regulator with Enable
TS9010KCX5 TSC-TS9010KCX5 Datasheet
97Kb / 4P
150mA CMOS Low Dropout Voltage Regulator with Enable
More results

Similar Description - TS9010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CM2831 ETC-CM2831 Datasheet
438Kb / 12P
300mA CMOS LDO WITH ENABLE
logo
Analog Microelectronics
AME8890 AME-AME8890 Datasheet
42Kb / 8P
150mA CMOS LDO
logo
List of Unclassifed Man...
CM2832 ETC1-CM2832 Datasheet
205Kb / 11P
300mA CMOS LDO WITH ENABLE
CM2833 ETC1-CM2833 Datasheet
267Kb / 11P
300mA CMOS LDO WITH ENABLE
logo
Taiwan Semiconductor Co...
TS9001 TSC-TS9001_07 Datasheet
237Kb / 6P
300mA CMOS LDO with Enable
TS9001 TSC-TS9001_08 Datasheet
86Kb / 6P
300mA CMOS LDO with Enable
TS9010 TSC-TS9010_08 Datasheet
82Kb / 6P
150mA CMOS LDO with Enable
TS9001 TSC-TS9001_13 Datasheet
80Kb / 6P
300mA CMOS LDO with Enable
logo
Analog Microelectronics
AME8890 AME-AME8890_08 Datasheet
90Kb / 13P
150mA CMOS LDO
logo
Bookly Micro electronic
BM9209 BOOKLY-BM9209 Datasheet
197Kb / 9P
CMOS LDO WITH ENABLE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com