Electronic Components Datasheet Search
  English  ▼

X  

TS9011 Datasheet(PDF) 2 Page - Taiwan Semiconductor Company, Ltd

Part # TS9011
Description  250mA Low Quiescent Current CMOS LDO
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9011 Datasheet(HTML) 2 Page - Taiwan Semiconductor Company, Ltd

  TS9011 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9011 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9011 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9011 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9011 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS9011 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TS9011
250mA Low Quiescent Current CMOS LDO
2/6
Version: B07
Absolute Maximum Rating
Parameter
Symbol
Limit
Unit
Input Supply Voltage
VIN
12
V
Output Current
IO
PD / (VIN – VO)
V
SOT-23
0.30
SOT-89
0.50
Power Dissipation
TO-92
PD
0.625
W
Operating Junction Temperature Range
TJ
-40 ~ +150
oC
Storage Temperature Range
TSTG
-65 ~ +150
oC
Lead Soldering Temperature (260
oC)
10
S
Notes:
a. Stress above the listed absolute rating may cause permanent damage to the device.
Electrical Characteristics (Ta = 25oC, unless otherwise noted)
Parameter
Conditions
Min
Typ
Max
Unit
TS90115
4.90
5.0
5.10
TS9011S
3.23
3.3
3.36
TS9011P
2.94
3.0
3.06
TS9011K
2.45
2.5
2.55
TS9011D
1.76
1.8
1.83
Output Voltage
VIN=Vo + 1V,
o =40mA,
TS9011A
1.47
1.5
1.53
V
Maximum Output Current
VIN=Vo+1V,
250
--
--
mA
Input Stability
VO+1V ≤ Vin ≤ VO+2V, Io=1mA
--
0.2
0.3
%
TS90115
VIN=Vo+1V,
1mA≤IL≤100mA
TS9011S
--
40
80
TS9011P
TS9011K
TS9011D
Load Regulation (Note1)
VIN=Vo+1V,
1mA≤IL≤80mA
TS9011A
--
40
90
mV
Io=250mA
TS90115
--
400
600
Io=200mA
TS9011S
--
400
650
Io=160mA
TS9011P
--
400
700
Io=160mA
TS9011K
--
400
700
Io=120mA
TS9011D
--
400
750
Dropout Voltage (Note 2)
Io=100mA
TS9011A
--
850
1000
mV
Quiescent Current
VIN=Vo+1V, Io=0A
--
2
5
uA
Output Current Limit
VOUT < 0.4V
--
400
--
mA
Power Supply Rejection Ratio
At f=100KHz, Io=10mA,
--
30
--
dB
Output Voltage Temperature
Coefficient (Note 3)
--
100
--
ppm/
oC
Notes:
1. Regulation is measured at constant junction temperature, using pulsed ON time.
2. Dropout is measured at constant junction temperature, using pulsed ON time, and the criterion is VOUT inside
target value +/-2%.
3. Guaranteed by design.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com