Electronic Components Datasheet Search
  English  ▼

X  

HT7318 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT7318
Description  Low Power Consumption LDO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7318 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT7318 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7318 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7318 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7318 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7318 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7318 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7318 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7318 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Rev. 1.80
5
March 19, 2019
HT73xx
HT7341, +4.15V Output Type
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Conditions
VOUT
Output Voltage
5.15V IOUT=40mA
4.025
4.150
4.275
V
IOUT(MAX)
Maximum Output Current
5.15V VOUT ≥ 3.74V
250
—
—
mA
∆VOUT*
Load Regulation
5.15V 1mA ≤ IOUT ≤ 80mA
—
45
90
mV
VDROP**
Dropout Voltage
—
IOUT=40mA
—
60
—
mV
ISS
Quiescent Current
5.15V No load
—
3.5
7.0
µA
D V OU T
D V IN ´ V OU T
Line Regulation
—
IOUT=40mA
6.0V ≤ VIN ≤ 12.0V
—
0.2
0.3
%/V
VIN
Input Voltage
—
—
—
—
12
V
, V OU T
, T a
Temperature Coefficient
5.15V I
OUT
=80mA
−40°C < Ta < 85°C
—
±0.7
—
mV/°C
HT7350, +5.0V Output Type
Ta=25°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VIN
Conditions
VOUT
Output Voltage
6.0V IOUT=40mA
4.850
5.000
5.150
V
IOUT(MAX)
Maximum Output Current
6.0V VOUT ≥ 4.50V
250
—
—
mA
∆VOUT*
Load Regulation
6.0V 1mA ≤ IOUT ≤ 100mA
—
45
90
mV
VDROP**
Dropout Voltage
—
IOUT=40mA
—
60
—
mV
ISS
Quiescent Current
6.0V No load
—
3.5
7.0
µA
D V OU T
D V IN ´ V OU T
Line Regulation
—
IOUT=40mA
6.0V ≤ VIN ≤ 12.0V
—
0.2
0.3
%/V
VIN
Input Voltage
—
—
—
—
12
V
, V OU T
, T a
Temperature Coefficient
6.0V I
OUT
=80mA
−40°C < Ta < 85°C
—
±0.7
—
mV/°C
Note: ″*″ Regulation is measured at constant junction temperature, using pulsed ON time.
″**″ Dropout is measured at constant junction temperature, using pulsed ON time, and the criterion is VOUT
inside target value ±2%.
Application Circuits
C1
10 m F
Co mm on
Co mm on
Si ngl e po in t GN D
GN D
V IN
V IN
V OU T
V OU T
C2
10 m F
06 %!NN
5A HE AI



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com