Electronic Components Datasheet Search
  English  ▼

X  

HT7325 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT7325
Description  Low Power Consumption LDO
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7325 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT7325 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7325 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7325 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7325 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7325 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7325 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7325 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7325 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. 1.80
1
March 19, 2019
Rev. 1.00
PB
March 19, 2019
HT73xx Series
Low Power Consumption LDO
Features
• Ultra low quiescent current: 3.5µA (typ.)
• High input voltage (up to 12V)
• Output voltage: 1.8V, 2.5V, 2.7V, 3.0V, 3.3V, 3.5V,
4.15V, 5.0V
• Output voltage accuracy: tolerance ±3%
• Maximum output current: 250mA
• Low dropout voltage
• Low temperature coefficient
• 3-pin SOT89 package
Applications
• Battery-powered equipment
• Voltage regulator for microprocessor
• Voltage regulator for LAN cards
• Wireless Communication equipment
• Audio/Video equipment
General Description
The HT73xx series is a set of three-terminal, low
power, high voltage regulators implemented in
CMOS technology. The series features extremely
low quiescent current which is typically 3.5µA .
They allow input voltages as high as 12V. The device
provides large current with a significantly small
dropout voltage.
The HT73xx consists of a high-precision voltage
reference, an error correction circuit, and a current
limited output driver. They are available with several
fixed output voltages ranging from 1.8V to 5.0V.
CMOS technology ensures low dropout voltage
and low current consumption. Although designed
primarily as fixed voltage regulators, these devices
can be used with external components to generate
variable voltages and currents.
Selection Table
Part No.
Output Voltage
Package
Marking
HT7318
1.8V
SOT89
73xx-A (for SOT89)
HT7325
2.5V
HT7327
2.7V
HT7330
3.0V
HT7333
3.3V
HT7335
3.5V
HT7341
4.15V
HT7350
5.0V
Note: ″xx″ stands for output voltages.


Similar Part No. - HT7325

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7325 HOLTEK-HT7325 Datasheet
108Kb / 12P
Low Power Consumption LDO
July 30, 2004
HT7325 HOLTEK-HT7325 Datasheet
125Kb / 12P
Low Power Consumption LDO
January 12, 2006
HT7325-1 HOLTEK-HT7325-1 Datasheet
2Mb / 16P
30V, 250mA TinyPowerTM LDO
HT7325-2 HOLTEK-HT7325-2 Datasheet
2Mb / 16P
30V, 250mA TinyPowerTM LDO
HT7325-3 HOLTEK-HT7325-3 Datasheet
2Mb / 16P
30V, 250mA TinyPowerTM LDO
More results

Similar Description - HT7325

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT7318 HOLTEK-HT7318 Datasheet
108Kb / 12P
Low Power Consumption LDO
July 30, 2004
HT73XX HOLTEK-HT73XX Datasheet
125Kb / 12P
Low Power Consumption LDO
January 12, 2006
logo
Leshan Radio Company
LR7530 LRC-LR7530 Datasheet
209Kb / 9P
100mA CMOS Low Power LDO Low power consumption
logo
Guangdong Kexin Industr...
WL2805N KEXIN-WL2805N Datasheet
1Mb / 5P
Low Power Consumption, CMOS LDO
WL2805N-3 KEXIN-WL2805N-3 Datasheet
1Mb / 5P
Low Power Consumption, CMOS LDO
WL2805N-HF KEXIN-WL2805N-HF Datasheet
1Mb / 5P
Low Power Consumption, CMOS LDO
WL2805N-HF-3 KEXIN-WL2805N-HF-3 Datasheet
1Mb / 5P
Low Power Consumption, CMOS LDO
logo
Will Semiconductor Ltd.
WL2805 WILLSEMI-WL2805 Datasheet
1Mb / 9P
Low power consumption, CMOS LDO
WL2815 WILLSEMI-WL2815 Datasheet
889Kb / 9P
Low power consumption, CMOS LDO
logo
Shanghai Leiditech Elec...
LM71XX LEIDITECH-LM71XX Datasheet
1Mb / 12P
Low dropout micro power consumption LDO
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com