Electronic Components Datasheet Search
  English  ▼

X  

MMBD1202 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MMBD1202
Description  Small Signal Diodes
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMBD1202 Datasheet(HTML) 2 Page - ON Semiconductor

  MMBD1202 Datasheet HTML 1Page - ON Semiconductor MMBD1202 Datasheet HTML 2Page - ON Semiconductor MMBD1202 Datasheet HTML 3Page - ON Semiconductor MMBD1202 Datasheet HTML 4Page - ON Semiconductor MMBD1202 Datasheet HTML 5Page - ON Semiconductor MMBD1202 Datasheet HTML 6Page - ON Semiconductor MMBD1202 Datasheet HTML 7Page - ON Semiconductor MMBD1202 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
© 2001 Fairchild Semiconductor Corporation
www.fairchildsemi.com
MMBD1201 / MMBD1202 / MMBD1203 / MMBD1204 / MMBD1205 Rev. 1.7
July 2015
MMBD1201 / MMBD1202 / MMBD1203 / MMBD1204 /
MMBD1205
Small Signal Diodes
Ordering Information
Absolute Maximum Ratings(1), (2)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Notes:
1. These ratings are based on a maximum junction temperature of 150
°C.
2. These are steady-state limits. Fairchild Semiconductor should be consulted on applications involving pulsed or
low-duty-cycle operations.
Part Number
Top Mark
Package
Packing Method
MMBD1201
24
SOT-23 3L
Tape and Reel
MMBD1202
25
SOT-23 3L
Tape and Reel
MMBD1203
26
SOT-23 3L
Tape and Reel
MMBD1204
27
SOT-23 3L
Tape and Reel
MMBD1205
28
SOT-23 3L
Tape and Reel
Symbol
Parameter
Value
Unit
VRRM
Maximum Repetitive Reverse Voltage
100
V
IF(AV)
Average Rectified Forward Current
200
mA
IFSM
Non-Repetitive Peak Forward
Surge Current
Pulse Width = 1.0 second
1.0
A
Pulse Width = 1.0 microsecond
2.0
TSTG
Storage Temperature Range
-55 to +150
°C
TJ
Operating Junction Temperature
150
°C
SOT-23
1
2
3
1201
1202
1203
1204
1
3
2
1
2
2
3
3
3
1
2NC
1205
2
3
1
1NC
Connection Diagram



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com