Electronic Components Datasheet Search
  English  ▼

X  

STM32F071C8U6 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STM32F071C8U6
Description  ARM®-based 32-bit MCU, up to 128 KB Flash, 12 timers, ADC, DAC & communication interfaces, 2.0 - 3.6 V
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F071C8U6 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STM32F071C8U6 Datasheet HTML 5Page - STMicroelectronics STM32F071C8U6 Datasheet HTML 6Page - STMicroelectronics STM32F071C8U6 Datasheet HTML 7Page - STMicroelectronics STM32F071C8U6 Datasheet HTML 8Page - STMicroelectronics STM32F071C8U6 Datasheet HTML 9Page - STMicroelectronics STM32F071C8U6 Datasheet HTML 10Page - STMicroelectronics STM32F071C8U6 Datasheet HTML 11Page - STMicroelectronics STM32F071C8U6 Datasheet HTML 12Page - STMicroelectronics STM32F071C8U6 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 121 page
background image
DocID025451 Rev 3
9/121
STM32F071CB STM32F071RB STM32F071VB STM32F071V8
Introduction
27
1
Introduction
This datasheet provides the ordering information and mechanical device characteristics of
the STM32F071CB/RB/VB/V8 microcontrollers.
This document should be read in conjunction with the STM32F0xxxx reference manual
(RM0091). The reference manual is available from the STMicroelectronics website
www.st.com.
For information on the ARM® Cortex®-M0 core, please refer to the Cortex®-M0 Technical
Reference Manual, available from the www.arm.com website.