Electronic Components Datasheet Search
  English  ▼

X  

X5R Datasheet(PDF) 3 Page - AVX Corporation

Part # X5R
Description  X5R Dielectric
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

X5R Datasheet(HTML) 3 Page - AVX Corporation

  X5R Datasheet HTML 1Page - AVX Corporation X5R Datasheet HTML 2Page - AVX Corporation X5R Datasheet HTML 3Page - AVX Corporation X5R Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
28
X5R Dielectric
Capacitance Range
PREFERRED SIZES ARE SHADED
Case Size
0101*
0201
0402
0603
0805
Soldering
Reflow Only
Reflow Only
Reflow/Wave
Reflow/Wfeve
Reflow/Wfeve
Packaging
Paper/Embossed
All Paper
All Paper
All Paper
Paper/Embossed
(L) Length
mm
(in.)
0.40 ± 0.02
(0.016 ± 0.0008)
0.60 ± 0.09
(0.024 ± 0.004)
1.00 ± 0.20
(0.040 ± 0.008)
1.60 ± 0.20
(0.063 ± 0.008)
2.01 ± 0.20
(0.079 ± 0.008)
W) Width
mm
(in.)
0.20 ± 0.02
(0.008 ± 0.0008)
0.30 ± 0.09
(0.011 ± 0.004)
0.50 ± 0.20
(0.020 ± 0.008)
0.80 ± 0.20
(0.031 ± 0.008)
1.25 ± 0.20
(0.049 ± 0.008)
(t) Terminal
mm
(in.)
0.10 ± 0.04
(0.004 ± 0.0016)
0.15 ± 0.05
(0.006 ± 0.002)
0.25 ± 0.15
(0.010 ± 0.006)
0.35 ± 0.15
(0.014 ± 0.006)
0.50 ± 0.25
(0.020 ± 0.010)
Voltage:
6.3
10
4
6.3
10
16
25
4
6.3
10
16
25
50
4
6.3
10
16
25
35
50
4
6.3
10
16
25
35
50
Cap (pF)
100
101
B
A
150
151
B
A
220
221
B
A
C
330
331
B
A
C
470
471
B
A
C
680
681
B
A
C
1000
102
B
A
A
C
1500
152
B
B
A
A
C
2200
222
B
B
A
A
A
C
3300
332
B
B
A
A
A
C
4700
472
B
B
A
A
A
C
G
6800
682
B
B
A
A
A
C
G
Cap (μF)
0.01
103
B
B
A
A
A
C
G
G
G
0.015
150
B
C
G
G
G
0.022
223
B
A
A
A
A
C
C
G
G
G
N
0.033
333
B
C
G
G
G
N
0.047
473
B
A
A
A
A
C
C
G
G
G
N
0.068
689
B
C
G
G
N
0.1
104
B
A
A
A
A
C
C
C
C
G
G
G
N
N
N
0.15
154
G
N
N
0.22
224
B
A
A
A
C
C
C
C
C
G
G
N
N
N
0.33
334
G
G
N
0.47
474
B
A
A
C
C
C
C
C
E
G
J
N
P
P
0.68
684
G
N
1.0
105
A
A
C
C
C
C
C
C
C
G
G
G
G
J
G
G
N
N
P
P
1.5
155
2.2
225
C
C
C
C
C
C
C
C
G
G
J
J
J
K
K
N
N
P
P
P
3.3
335
J
J
J
J
N
N
4.7
475
C
C
E
E
E
E
J
J
J
G
K
N
P
J
N
N
P
P
10
106
E
E
E
K
J
K
K
K
P
P
P
P
P
22
226
E
G
K
K
K
P
P
P
P
P
47
476
K
K
P
P
P
100
107
Voltage:
6.3
10
4
6.3
10
16
25
4
6.3
10
16
25
50
4
6.3
10
16
25
35
50
4
6.3
10
16
25
35
50
Case Size
0101*
0201
0402
0603
0805
Letter
A
B
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
Thickness
0.33
(0.013)
0.22
(0.009)
0.56
(0.022)
0.71
(0.028)
0.90
(0.035)
0.94
(0.037)
1.02
(0.040)
1.27
(0.050)
1.40
(0.055)
1.52
(0.060)
1.78
(0.070)
2.29
(0.090)
2.54
(0.100)
2.79
(0.110)
PAPER
EMBOSSED
PAPER and EMBOSSED available for 01005
NOTE: Contact factory for non-specified capacitance values
*EIA 01005
120121
– surface mount ceramic capacitor products –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com