Electronic Components Datasheet Search
  English  ▼

X  

0101YD107MAT2A Datasheet(PDF) 4 Page - AVX Corporation

Part # 0101YD107MAT2A
Description  X5R Dielectric
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0101YD107MAT2A Datasheet(HTML) 4 Page - AVX Corporation

  0101YD107MAT2A Datasheet HTML 1Page - AVX Corporation 0101YD107MAT2A Datasheet HTML 2Page - AVX Corporation 0101YD107MAT2A Datasheet HTML 3Page - AVX Corporation 0101YD107MAT2A Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
29
PREFERRED SIZES ARE SHADED
Case Size
1206
1210
1812
Soldering
Reflow/Wave
Reflow Only
Reflow Only
Packaging
Paper/Embossed
Paper/Embossed
All Embossed
(L) Length
mm
3.20 ± 0.40
(0.126 ± 0.016)
3.20 ± 0.40
(0.126 ± 0.016)
4.50 ± 0.30
(0.177 ± 0.012)
(in.)
W) Width
mm
1.60 ± 0.30
(0.063 ± 0.012)
2.50 ± 0.30
(0.098 ± 0.012)
3.20 ± 0.20
(0.126 ± 0.008)
(in.)
(t) Terminal
mm
0.50 ± 0.25
(0.020 ± 0.010)
0.50 ± 0.25
(0.020 ± 0.010)
0.61 ± 0.36
(0.024 ± 0.014)
(in.)
Voltage:
4
6.3
10
16
25
35
50
4
6.3
10
16
25
35
50
4
6.3 10
16
25
35
50
Cap (pF)
100
101
150
151
220
221
330
331
470
471
680
681
1000 102
1500 152
2200 222
3300 332
4700 472
6800 682
Cap (μF)
0.01
103
0.015 150
0.022 223
0.033 333
0.047 473
0.068 689
0.1
104
0.15
154
0.22
224
0.33
334
0.47
474
Q
Q
X
X
0.68
684
1.0
105
Q
Q
Q
X
X
X
1.5
155
2.2
225
Q
Q
Q
Q
Q
X
Z
Z
3.3
335
Q
Q
4.7
475
X
X
X
X
X
X
X
Z
Z
Z
Z
Z
10
106
X
X
X
X
X
X
X
X
X
Z
Z
Z
Z
Z
22
226
X
X
X
X
X
Z
Z
Z
Z
Z
Z
Z
Z
Z
47
476
X
X
X
X
Z
Z
Z
Z
Z
100
107
X
X
Z
Z
Voltage:
4
6.3
10
16
25
35
50
4
6.3 10
16
25
35
50
4
6.3 10
16
25
35
50
Case Size
1206
1210
1812
Letter
A
B
C
E
G
J
K
M
N
P
Q
X
Y
Z
Max.
Thickness
0.33
(0.013)
0.22
(0.009)
0.56
(0.022)
0.71
(0.028)
0.90
(0.035)
0.94
(0.037)
1.02
(0.040)
1.27
(0.050)
1.40
(0.055)
1.52
(0.060)
1.78
(0.070)
2.29
(0.090)
2.54
(0.100)
2.79
(0.110)
PAPER
EMBOSSED
PAPER and EMBOSSED available for 01005
NOTE: Contact factory for non-specified capacitance values
*EIA 01005
X5R Dielectric
Capacitance Range
021020
– surface mount ceramic capacitor products –
The Important Information/Disclaimer is incorporated in the catalog where these specifications came from or available
online at www.kyocera-avx.com/disclaimer/ by reference and should be reviewed in full before placing any order.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com