Electronic Components Datasheet Search
  English  ▼

X  

P166 Datasheet(PDF) 1 Page - TT Electronics.

Part # P166
Description  17 mm Rotary Potentiometer
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

P166 Datasheet(HTML) 1 Page - TT Electronics.

  P166 Datasheet HTML 1Page - TT Electronics. P166 Datasheet HTML 2Page - TT Electronics. P166 Datasheet HTML 3Page - TT Electronics. P166 Datasheet HTML 4Page - TT Electronics. P166 Datasheet HTML 5Page - TT Electronics. P166 Datasheet HTML 6Page - TT Electronics. P166 Datasheet HTML 7Page - TT Electronics. P166 Datasheet HTML 8Page - TT Electronics. P166 Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
17 mm Rotary Potentiometer
P166 Series
© TT electronics plc
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | BI Technologies
413 Rood RD, Suite 7
Calexico, CA 92231
Ph: + 1 (714) 447-2345
www.ttelectronics.com
Rev - 04/2021 Page 1
Features:
•
Resistance range 1 KΩ to 1 MEGΩ
•
Conductive plastic element
•
15,000 cycle life
•
Metal shaft
•
Plastic Bushing & Housing
Electrical Characteristics
TA = 25°C unless otherwise noted
Resistance Range
1KΩ to 1MΩ
Standard Resistance Tolerance
±20%
Residual Resistance
20Ω max.
Maximum Operating Voltage
Linear Taper B: 200 VAC
Other Tapers: 150 VAC
Rated Power
Linear Taper B: 0.2W
Other Tapers: 0.1W
Dielectric Strength
1 minute at 500 VAC
Insulation Resistance
100MΩ min. at 500 VDC
Rotational Noise
100 mV max.
Description:
17 mm rotary potentiometer with plastic
housing and bushing to providing IP 50
rating. Options include knurled, flatted,
slotted, or plain metal shaft types.
Applications:
•
Amplifiers/mixers/synthesizers
•
Appliances
•
Audio/Car Radio/TV sets
•
Industrial Controls


Similar Part No. - P166

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
P166-001-A TRIPPLITE-P166-001-A Datasheet
157Kb / 2P
HDMI Display-Side Wallplate with Active Signal Booster, White (F/F)
P166-001-P TRIPPLITE-P166-001-P Datasheet
151Kb / 2P
HDMI Send/Receive Pass-Through Wallplate, White (F/F)
logo
List of Unclassifed Man...
P166-4 ETC2-P166-4 Datasheet
104Kb / 1P
VHF Lowband Yagis - Superior Construction Means System Reliability
P166-4 ETC2-P166-4 Datasheet
104Kb / 1P
VHF Lowband Yagis - Superior Construction Means System Reliability
logo
Tripp Lite. All Rights ...
P166001A TRIPPLITE-P166001A Datasheet
485Kb / 2P
HDMI Display-Side Wallplate with Active Signal Booster, White (F-F)
More results

Similar Description - P166

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PDA17 BOURNS-PDA17 Datasheet
266Kb / 3P
17 mm Rotary Potentiometer
PDB18 BOURNS-PDB18 Datasheet
522Kb / 5P
17 mm Rotary Potentiometer
PDB24 BOURNS-PDB24 Datasheet
310Kb / 2P
PDB24 Series - 24 mm Rotary Potentiometer
PDB183 BOURNS-PDB183 Datasheet
362Kb / 3P
17 mm Rotary Potentiometer w/Push-Pull Switch
PDB184 BOURNS-PDB184 Datasheet
270Kb / 2P
17 mm Rotary Potentiometer w/Rotary Switch
PDB12 BOURNS-PDB12 Datasheet
220Kb / 2P
12 mm Rotary Potentiometer
PDB18 BOURNS-PDB18_13 Datasheet
583Kb / 5P
17 mm Rotary Potentiometer
logo
Productwell Precision E...
R09A11H21 PRODUCTWELL-R09A11H21_14 Datasheet
334Kb / 2P
ROTARY POTENTIOMETER
logo
Bourns Electronic Solut...
H-1202 BOURNS-H-1202 Datasheet
341Kb / 2P
17 mm Guitar Potentiometer
PDB08 BOURNS-PDB08 Datasheet
739Kb / 3P
PDB08 - 8 mm Micro Rotary Potentiometer
03/21
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com