Electronic Components Datasheet Search
  English  ▼

X  

PAA130 Datasheet(PDF) 4 Page - TT Electronics.

Part # PAA130
Description  ITE AC/DC Conduction Cooled Power Supply
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TTELEC [TT Electronics.]
Direct Link  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

PAA130 Datasheet(HTML) 4 Page - TT Electronics.

  PAA130 Datasheet HTML 1Page - TT Electronics. PAA130 Datasheet HTML 2Page - TT Electronics. PAA130 Datasheet HTML 3Page - TT Electronics. PAA130 Datasheet HTML 4Page - TT Electronics. PAA130 Datasheet HTML 5Page - TT Electronics. PAA130 Datasheet HTML 6Page - TT Electronics. PAA130 Datasheet HTML 7Page - TT Electronics. PAA130 Datasheet HTML 8Page - TT Electronics. PAA130 Datasheet HTML 9Page - TT Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
© TT Electronics plc
General Note
All data sheets are subject to change without no ce.
Rev 9      5 June 2024     Page: 4
TT Electronics
h p://www. electronics.com/power-supplies
Mechanical Outline: (Top View)
PAA130
ASSEMBLY INSTRUCTIONS
*Heatsink T=2.0mm
Customer is advised to screw
into the threads no more than
2.0mm
Chassis of
PAA130
Series
(Open
Frame)
T=2.0mm
Brands
Alex
JST
Pin # Single
1
AC IN (N)
2
NO PIN
3
AC IN (L)
4-5
+DC OUT
6-7
-DC OUT
8
Earth Ground
Ma ng Housing Terminal
Ma ng Housing Terminal
9396-3
96T series
VHR-3N
SVH-41T-P1.1
9396-4
96T series
VHR-4N
SVH-41T-P1.1
            —  
        —     
           —                     
        —                      
(OPEN FRAME)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com