Electronic Components Datasheet Search
  English  ▼

X  

ISO124P.B Datasheet(PDF) 14 Page - Texas Instruments

Part # ISO124P.B
Description  ISO124 ±10-V Input, Precision Isolation Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

ISO124P.B Datasheet(HTML) 14 Page - Texas Instruments

Back Button ISO124P.B Datasheet HTML 10Page - Texas Instruments ISO124P.B Datasheet HTML 11Page - Texas Instruments ISO124P.B Datasheet HTML 12Page - Texas Instruments ISO124P.B Datasheet HTML 13Page - Texas Instruments ISO124P.B Datasheet HTML 14Page - Texas Instruments ISO124P.B Datasheet HTML 15Page - Texas Instruments ISO124P.B Datasheet HTML 16Page - Texas Instruments ISO124P.B Datasheet HTML 17Page - Texas Instruments ISO124P.B Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
1
2
7
9
10
8
PGA102
ISO124
ISO150
1
2
3
16
4
6
7
8
5
15
15
+15V– 15V
+15V –15V
V
IN
V
OUT
A
A
0
1
14
ISO124
SBOS074E – SEPTEMBER 1997 – REVISED JUNE 2018
www.ti.com
Product Folder Links: ISO124
Submit Documentation Feedback
Copyright © 1997–2018, Texas Instruments Incorporated
Typical Applications (continued)
8.2.3 Programmable Gain Amplifier
In applications where variable gain configurations are required, a programmable gain amplifier like the PGA102
can be used with the ISO124 device. Figure 18 uses an ISO150 device to provide gain pin selection options to
the PGA102 device.
Figure 18. Programmable-Gain Isolation Channel With Gains of 1, 10, and 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com