Electronic Components Datasheet Search
  English  ▼

X  

L293DNEE4 Datasheet(PDF) 14 Page - Texas Instruments

Part # L293DNEE4
Description  L293x Quadruple Half-H Drivers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

L293DNEE4 Datasheet(HTML) 14 Page - Texas Instruments

Back Button L293DNEE4 Datasheet HTML 10Page - Texas Instruments L293DNEE4 Datasheet HTML 11Page - Texas Instruments L293DNEE4 Datasheet HTML 12Page - Texas Instruments L293DNEE4 Datasheet HTML 13Page - Texas Instruments L293DNEE4 Datasheet HTML 14Page - Texas Instruments L293DNEE4 Datasheet HTML 15Page - Texas Instruments L293DNEE4 Datasheet HTML 16Page - Texas Instruments L293DNEE4 Datasheet HTML 17Page - Texas Instruments L293DNEE4 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Copper Area 35-µm Thickness
Printed Circuit Board
5V
TTL Logic
1 Ampere
TTL Logic
1 Ampere
GND
VIAS
TTL Logic
5V to 36V
1 Ampere
TTL Logic
1 Ampere
TTL Logic
TTL Logic
14
13
15
1
2
3
4
16
GND
0.1 F
1,2EN
1A
1Y
VCC1
4A
4Y
10
9
11
12
7
8
6
5
2Y
2A
VCC2
3Y
3A
3,4EN
GND
1 F
L293, L293D
SLRS008D – SEPTEMBER 1986 – REVISED JANUARY 2016
www.ti.com
11 Layout
11.1 Layout Guidelines
Place the device near the load to keep output traces short to reduce EMI. Use solid vias to transfer heat from
ground pins to ground plane of the printed-circuit-board.
11.2 Layout Example
Figure 13. Layout Diagram
Figure 14. Example of Printed-Circuit-Board Copper Area (Used as Heat Sink)
14
Submit Documentation Feedback
Copyright © 1986–2016, Texas Instruments Incorporated
Product Folder Links: L293 L293D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com