Electronic Components Datasheet Search
  English  ▼

X  

LFC789D25CPWR Datasheet(PDF) 4 Page - Texas Instruments

Part # LFC789D25CPWR
Description  DUAL LINEAR FET CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LFC789D25CPWR Datasheet(HTML) 4 Page - Texas Instruments

  LFC789D25CPWR Datasheet HTML 1Page - Texas Instruments LFC789D25CPWR Datasheet HTML 2Page - Texas Instruments LFC789D25CPWR Datasheet HTML 3Page - Texas Instruments LFC789D25CPWR Datasheet HTML 4Page - Texas Instruments LFC789D25CPWR Datasheet HTML 5Page - Texas Instruments LFC789D25CPWR Datasheet HTML 6Page - Texas Instruments LFC789D25CPWR Datasheet HTML 7Page - Texas Instruments LFC789D25CPWR Datasheet HTML 8Page - Texas Instruments LFC789D25CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LFC789D25
DUAL LINEAR FET CONTROLLER
SLLS565B − MARCH 2003 − REVISED SEPTEMBER 2004
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics, VCC = 12 V ± 5%, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
I
VADJ sense-pin current
−20
nA
Sense
I
SEN_V
ADJ
VADJ sense-pin current
Full range
−500
nA
Sense
I
V25 sense-pin current
V25 = 2.5 V
125
A
I
SEN_V
25
V25 sense-pin current
V25 = 2.5 V
Full range
500
µA
VDRV
Driver output voltage
IDRV = 0
VCC
− 1.5
V
Driver
VDRV
Driver output voltage
IDRV = 0
Full range
VCC − 3
V
Driver
IDRV
Driver output current
VDRV = 4 V,
10
mA
IDRV
Driver output current
VDRV = 4 V,
VSEN = 0.8 VOUT (nom)
Full range
5
mA
Reference
I
Pin current, VREF
−20
−250
nA
Reference
I
V
REF
Pin current, VREF
Full range
−500
nA
V25 output voltage
IOUT = 1 mA to 3 A,
2.5
Output regulation
V25 output voltage
regulation
IOUT = 1 mA to 3 A,
VPWR = 3 .3 V ± 10%
Full range
2.45
2.5
2.55
Output regulation
(see Figure 1)
VADJ output voltage
IOUT = 1 mA to 2 A,
VREF
V
(see Figure 1)
VADJ output voltage
regulation
IOUT = 1 mA to 2 A,
VPWR = 3.3 V ±10%,
VREF = V25/2
Full range
0.98
×
VREF
VREF
1.02
×
VREF
V
Supply
ICC
Supply current
2
mA
Supply
ICC
Supply current
Full range
2.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com