Electronic Components Datasheet Search
  English  ▼

X  

LM124 Datasheet(PDF) 5 Page - Texas Instruments

Part # LM124
Description  QUADRUPLE OPERATIONAL AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM124 Datasheet(HTML) 5 Page - Texas Instruments

  LM124 Datasheet HTML 1Page - Texas Instruments LM124 Datasheet HTML 2Page - Texas Instruments LM124 Datasheet HTML 3Page - Texas Instruments LM124 Datasheet HTML 4Page - Texas Instruments LM124 Datasheet HTML 5Page - Texas Instruments LM124 Datasheet HTML 6Page - Texas Instruments LM124 Datasheet HTML 7Page - Texas Instruments LM124 Datasheet HTML 8Page - Texas Instruments LM124 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LM124-SP
LM124A-SP
www.ti.com
SLOS668A – NOVEMBER 2010 – REVISED JANUARY 2011
ELECTRICAL CHARACTERISTICS FOR LM124
at specified free-air temperature, VCC = 5 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS(1)
TA
(2)
MIN
TYP(3)
MAX
UNIT
VCC = 5 V to MAX,
25°C
3
5
VIO
Input offset voltage
VIC = VICR min,
mV
Full range
7
VO = 1.4 V
25°C
2
30
IIO
Input offset current
VO = 1.4 V
nA
Full range
100
25°C
–20
–150
IIB
Input bias current
VO = 1.4 V
nA
Full range
–300
0 to
25°C
VCC – 1.5
Common-mode input-voltage
VICR
VCC = 5 V to MAX
V
range
0 to
Full range
VCC – 2
RL = 2 kΩ
25°C
VCC – 1.5
RL = 10 kΩ
25°C
VOH
High-level output voltage
V
RL = 2 kΩ
Full range
26
VCC = MAX
RL ≥ 10 kΩ
Full range
27
28
VOL
Low-level output voltage
RL ≤ 10 kΩ
Full range
5
20
mV
25°C
50
100
Large-signal differential-voltage
VCC = 15 V, VO = 1 V to 11 V,
AVD
V/mV
amplification
RL ≥ 2 kΩ
Full range
25
CMRR Common-mode rejection ratio
VIC = VICRmin
25°C
70
80
dB
Supply-voltage rejection ratio
kSVR
25°C
65
100
dB
(
ΔVCC/ΔVIO)
VO1/
Crosstalk attenuation
f = 1 kHz to 20 kHz
25°C
120
dB
VO2
VCC = 15 V,
25°C
–20
–30
–60
VID = 1 V,
Source
Full range
–10
VO = 0
IO
Output current
VCC = 15 V,
25°C
10
20
mA
VID = –1 V,
Sink
Full range
5
VO = 15 V
VID = −1 V,
VO = 200 mV
25°C
12
30
VCC at 5 V,
IOS
Short-circuit output current
VO = 0 V
25°C
±40
±60
GND at
−5 V,
VO = 2.5 V,
No load
Full range
0.7
1.2
Supply current
ICC
mA
VCC = MAX,
(four amplifiers)
No load
Full range
1.4
3
VO = 0.5 VCC,
(1)
All characteristics are measured under open-loop conditions, with zero common-mode input voltage, unless otherwise specified. MAX
VCC for testing purposes is 30 V.
(2)
Full range is
−55°C to 125°C for LM124.
(3)
All typical values are at TA = 25°C.
Copyright © 2010–2011, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): LM124-SP LM124A-SP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com