Electronic Components Datasheet Search
  English  ▼

X  

LM2650 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM2650
Description  LM2650 Synchronous Step-Down DC/DC Converter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2650 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2650 Datasheet HTML 8Page - Texas Instruments LM2650 Datasheet HTML 9Page - Texas Instruments LM2650 Datasheet HTML 10Page - Texas Instruments LM2650 Datasheet HTML 11Page - Texas Instruments LM2650 Datasheet HTML 12Page - Texas Instruments LM2650 Datasheet HTML 13Page - Texas Instruments LM2650 Datasheet HTML 14Page - Texas Instruments LM2650 Datasheet HTML 15Page - Texas Instruments LM2650 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LM2650
SNVS133C – JUNE 1999 – REVISED APRIL 2013
www.ti.com
Table 2. Toroidal Inductors Using Cores from MICROMETALS, INC.
Core Number
Core Material
Wire Gauge
Number of Strands
Number of Turns
15
μH
T38
−52
AWG # 23
1
21
20
μH
T38
−52
AWG # 23
1
25
33
μH
T50
−52
AWG # 21
1
41
40
μH
T50 (B)
−18
AWG # 21
1
41
Table 3. Components for Typical 200 kHz Applications
Input Voltage
7V to 18V IN
Applicable Cell Stacks
8 to 12 Cell NiCd or NiMh, 3 to 4 Cell Li Ion, 8 to 11 Cell Alkaline, 6 Cell Lead Acid
Output
5V, 3A Out
3.3V, 3A out
Input Capacitor CIN
2 x 22
μF, 35V AVX TPS
2 x 22
μF, 35V AVX TPS
Series or Sprague 593D Series
Series or Sprague 593D Series
Inductor L1
20
μH (See Table 2)
15
μH (See Table 2)
Output Capacitor COUT
3x220
μF, 10V AVX TPS
3x220
μF, 10V AVX TPS
Series or Sprague 593D Series
Series or Sprague 593D Series
Feedback Resistors R1 and R2
R1 = 75k
Ω, 1%,
R1 = 41.2k
Ω, 1%,
R2 = 24.9k
Ω, 1%,
R2 = 24.9k
Ω, 1%,
Compensation Components RC, CC,
RC = 53.6 kΩ, CC = 2.7 nF,
RC = 33.2 kΩ, CC = 3.9 nF,
R3, and C10
R3 = 4.02 kΩ, C10 = 4.7 nF
R3 = 3.01 kΩ, C10 = 6.8 nF
Sleep Resistors RSIA and RSOA
RSIA = 33 kΩ, RSOA = 200 kΩ
RSIA = 47 kΩ, RSOA = 91 kΩ
Frequency Adjusting Resistor RFA
RFA = 24.9 kΩ
RFA = 24.9 kΩ
Figure 19. An Efficient, 2% Accurate 5V to 3.3V Converter
12
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2650



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com