Electronic Components Datasheet Search
  English  ▼

X  

LM27 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM27
Description  LM27 SOT-23, ±3°C Accurate, 120°C-150°C Factory Preset Thermostat
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM27 Datasheet(HTML) 1 Page - Texas Instruments

  LM27 Datasheet HTML 1Page - Texas Instruments LM27 Datasheet HTML 2Page - Texas Instruments LM27 Datasheet HTML 3Page - Texas Instruments LM27 Datasheet HTML 4Page - Texas Instruments LM27 Datasheet HTML 5Page - Texas Instruments LM27 Datasheet HTML 6Page - Texas Instruments LM27 Datasheet HTML 7Page - Texas Instruments LM27 Datasheet HTML 8Page - Texas Instruments LM27 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LM27-2HJ
V+=2.7V
to 5.5V
VTEMP
GND
HYST
OS
HYST
REF
TEMP
SENSOR
+
-
HYST=GND for 10
oC Hysteresis
HYST=V+ for 2
oC Hysteresis
VTEMP=(-3.552x10
-6x(T-30)2)+(-10.69576x10-3x(T-30))+1.8386V
TOS
TOS- THYST
Temp. of
Leads
OS
LM27
www.ti.com
SNIS124D – AUGUST 2002 – REVISED JULY 2013
LM27 SOT-23, ±3°C Accurate, 120°C-150°C Factory Preset Thermostat
Check for Samples: LM27
1
FEATURES
DESCRIPTION
The LM27 is a precision, single digital-output, low-
2
•
Internal Comparator with Pin Selectable 2°C or
power thermostat comprised of an internal reference,
10°C Hysteresis
DAC, temperature sensor and comparator. Utilizing
•
No External Components Required
factory programming, it can be manufactured with
•
Open-drain or Push-pull Digital Output;
different trip points as well as different digital output
functionality. The trip point (TOS) can be preset at the
Supports CMOS Logic Levels
factory to any temperature in the range of +120°C to
•
Internal Temperature Sensor with VTEMP Output
+150°C in 1°C increments. The LM27 has one digital
Pin
output (OS/OS/US/US), one digital input (HYST) and
•
VTEMP Output Allows After-assembly System
one analog output (VTEMP). The digital output stage
Testing
can be preset as either open-drain or push-pull. In
addition, it can be factory programmed to be active
•
Internal Voltage Reference and DAC for Trip-
HIGH or LOW. The digital output can be factory
point Setting
programmed
to
indicate
an
over
temperature
•
Currently Available in 5-pin SOT-23 Plastic
shutdown event (OS or OS) or an under temperature
Package
shutdown event (US or US). When preset as an
•
Excellent Power Supply Noise Rejection
overtemperature shutdown (OS) it will go LOW to
indicate that the die temperature is over the internally
preset TOS and go HIGH when the temperature goes
APPLICATIONS
below (TOS–THYST). Similarly, when preprogrammed
•
Microprocessor Thermal Management
as an undertemperature shutdown (US) it will go
•
Appliances
HIGH to indicate that the temperature is below TUS
and go LOW when the temperature is above
•
Portable Battery Powered Systems
(TUS+THYST). The typical hysteresis, THYST, can be set
•
Fan Control
to 2°C or 10°C and is controlled by the state of the
•
Industrial Process Control
HYST pin. A VTEMP analog output provides a voltage
that is proportional to temperature and has a
•
HVAC Systems
−10.7mV/°C output slope.
•
Electronic System Protection
Currently, there are several standard parts available,
see Table 1. For other part options, contact a Texas
KEY SPECIFICATIONS
Instruments Distributor or Sales Representative for
•
Power Supply Voltage 2.7V to 5.5V
information on minimum order qualification. The
•
Power Supply Current 40
μA (Max), 15μA (Typ)
LM27 is currently available in a 5-lead SOT-23
package.
•
Hysteresis Temperature 2°C or 10°C (Typ)
•
Temperature Trip Point Accuracy ±3°C (Max)
Simplified Block Diagram and Connection Diagram LM27CIM5-2HJ (140°C Trip-Point)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM27

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM27 NSC-LM27 Datasheet
204Kb / 9P
SOT-23, 3 Degree Celcious Accurate, 120-150 Degree Celcious Factory Preset Thermostat
LM27 NSC-LM27 Datasheet
584Kb / 10P
SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
logo
Texas Instruments
LM27 TI1-LM27 Datasheet
1,015Kb / 17P
LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
logo
National Semiconductor ...
LM27-2PLMDA NSC-LM27-2PLMDA Datasheet
237Kb / 10P
짹3째C Accurate, 120째C-150째C Factory Preset Thermostat (LM27 in Die Form)
logo
Texas Instruments
LM27-2PLMDA TI1-LM27-2PLMDA Datasheet
1,015Kb / 17P
LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
More results

Similar Description - LM27

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM26 NSC-LM26 Datasheet
586Kb / 9P
Accurate, Factory Preset Thermostat
LM27 NSC-LM27 Datasheet
204Kb / 9P
SOT-23, 3 Degree Celcious Accurate, 120-150 Degree Celcious Factory Preset Thermostat
LM27 NSC-LM27_06 Datasheet
584Kb / 10P
SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
LM26 NSC-LM26_07 Datasheet
283Kb / 10P
SOT-23, 짹3째C Accurate, Factory Preset Thermostat
LM26NV NSC-LM26NV Datasheet
268Kb / 12P
SOT-23, 짹3째C Accurate, Factory Preset Thermostat (LM26 without VTEMP output)
logo
Texas Instruments
LM26CIM5X-SHA TI1-LM26CIM5X-SHA Datasheet
292Kb / 12P
LM26 SOT-23, /-3C Accurate, Factory Preset Thermostat
LM26CIM5 TI-LM26CIM5 Datasheet
947Kb / 20P
LM26 SOT-23, 3C Accurate, Factory Preset Thermostat
LM26 TI-LM26_15 Datasheet
950Kb / 24P
Accurate, Factory-Preset Thermostat
LM27 TI-LM27_15 Datasheet
981Kb / 17P
LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
LM27 TI1-LM27_16 Datasheet
1,015Kb / 17P
LM27 SOT-23, 짹3째C Accurate, 120째C-150째C Factory Preset Thermostat
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com