Electronic Components Datasheet Search
  English  ▼

X  

LM2703 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM2703
Description  LM2703 Micropower Step-Up DC/DC Converter with 350mA Peak Current Limit
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2703 Datasheet(HTML) 2 Page - Texas Instruments

  LM2703 Datasheet HTML 1Page - Texas Instruments LM2703 Datasheet HTML 2Page - Texas Instruments LM2703 Datasheet HTML 3Page - Texas Instruments LM2703 Datasheet HTML 4Page - Texas Instruments LM2703 Datasheet HTML 5Page - Texas Instruments LM2703 Datasheet HTML 6Page - Texas Instruments LM2703 Datasheet HTML 7Page - Texas Instruments LM2703 Datasheet HTML 8Page - Texas Instruments LM2703 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
R1 = R2
VOUT
1.237V
-1
SW
FB
GND
VIN
SHDN
LM2703
SNVS172F – FEBRUARY 2002 – REVISED MAY 2013
www.ti.com
Connection Diagram
Top View
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ(MAX), the junction-
to-ambient thermal resistance,
θJA, and the ambient temperature, TA. See the Electrical Characteristics table for the
thermal resistance. The maximum allowable power dissipation at any ambient temperature is calculated using: PD
(MAX) = (TJ(MAX) − TA)/θJA. Exceeding the maximum allowable power dissipation will cause excessive die
temperature.
Figure 2. SOT23-5
TJmax = 125°C, θJA = 220°C/W
PIN DESCRIPTIONS
Pin
Name
Function
1
SW
Power Switch input.
2
GND
Ground.
3
FB
Output voltage feedback input.
4
SHDN
Shutdown control input, active low.
5
VIN
Analog and Power input.
SW (Pin 1): Switch Pin.
This is the drain of the internal NMOS power switch. Minimize the metal trace area
connected to this pin to minimize EMI.
GND (Pin 2): Ground Pin.
Tie directly to ground plane.
FB (Pin 3): Feedback Pin.
Set the output voltage by selecting values for R1 and R2 using:
(1)
Connect the ground of the feedback network to an AGND plane which should be tied directly
to the GND pin.
SHDN (Pin 4): Shutdown Pin.
The shutdown pin is an active low control. Tie this pin above 1.1V to enable the device. Tie
this pin below 0.3V to turn off the device.
VIN (Pin 5): Input Supply Pin.
Bypass this pin with a capacitor as close to the device as possible.
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
2
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM2703



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com