Electronic Components Datasheet Search
  English  ▼

X  

LM2794 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM2794
Description  LM2794 /LM2795 Current Regulated Switched Capacitor LED Supply with Analog and PWM Brightness Control
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2794 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2794 Datasheet HTML 9Page - Texas Instruments LM2794 Datasheet HTML 10Page - Texas Instruments LM2794 Datasheet HTML 11Page - Texas Instruments LM2794 Datasheet HTML 12Page - Texas Instruments LM2794 Datasheet HTML 13Page - Texas Instruments LM2794 Datasheet HTML 14Page - Texas Instruments LM2794 Datasheet HTML 15Page - Texas Instruments LM2794 Datasheet HTML 16Page - Texas Instruments LM2794 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
LM2794/95
3.0V
GND
BRGT
DKX
DK2
DK1
*Optional
Independent
Shutdown
5mA
(3/2) VIN = approx. 4.5V
POUT
RSET
D4
D3
D2
D1
124:
CIN
1 …F
VIN
C1-
C1+ C2-
C2+
CPOUT
1 …F
C2
1 …F
C1
1 …F
15mA each
= 60 mA
Total
Keypad LEDs
LM2794, LM2795
www.ti.com
SNVS168L – JANUARY 2002 – REVISED MAY 2013
The voltage at POUT is dependent on the input voltage supplied to the LM2794/5, the total LM2794/5 output
current, and the output resistance (ROUT) of the LM2794/5 charge pump. Output resistance is a model of the
switching losses of the charge pump. Resistances of the internal charge pump switches (MOS transistors) are a
primary component of the LM2794/5 output resistance. Typical LM2794/5 output resistance is 3.0
Ω. For worst-
case design calculations, using an output resistance of 3.5
Ω is recommended. (Worst-case recommendation
accounts for parameter shifts from part-to-part variation and applies over the full operating temperature range).
Figure 23. Keypad LEDs Connected to POUT
Output resistance results in droop in the POUT voltage proportional to the amount of current delivered by the
pump. The POUT voltage is an important factor in determining the total output current capability of an application.
Taking total output current to be the sum of all DX output currents plus the current delivered through the POUT pin,
the voltage at POUT can be predicted with the following equations:
ITOTAL = ID1 + ID2 + ID3 + ID4 + IPOUT
(1)
VPOUT = 1.5 × VIN − ITOTAL × ROUT
(2)
LED HEADROOM VOLTAGE (VHR)
Four current sources are connected internally between POUT and D1-D4. The voltage across each current source,
(VPOUT − VDX), is referred to as headroom voltage (VHR). The current sources require a sufficient amount of
headroom voltage to be present across them in order to regulate properly. Minimum required headroom voltage
is proportional to the current flowing through the current source, as dictated by the equation:
VHR-MIN = kHR × IDX
(3)
The parameter kHR, typically 20mV/mA in the LM2794/5, is a proportionality constant that represents the ON-
resistance of the internal current mirror transistors. For worst-case design calculations, using a kHR of 25mV/mA
is recommended. (Worst-case recommendation accounts for parameter shifts from part-to-part variation and
applies over the full operating temperature range). Figure 24 shows how output current of the LM2794/5 varies
with respect to headroom voltage.
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: LM2794 LM2795



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com