Electronic Components Datasheet Search
  English  ▼

X  

SR520 Datasheet(PDF) 1 Page - Jinan Gude Electronic Device

Part # SR520
Description  5.0 Amps. Schottky Barrier Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JGD [Jinan Gude Electronic Device]
Direct Link  http://www.jgd.com.cn
Logo JGD - Jinan Gude Electronic Device

SR520 Datasheet(HTML) 1 Page - Jinan Gude Electronic Device

  SR520 Datasheet HTML 1Page - Jinan Gude Electronic Device SR520 Datasheet HTML 2Page - Jinan Gude Electronic Device SR520 Datasheet HTML 3Page - Jinan Gude Electronic Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SR502 THRU SR520
5.0 Amps. Schottky Barrier Rectifiers
Version: 6.1
www.jgdsemi.com
Features
* Low Forward Voltage Drop
* High Current Capability
* High Reliability
* High Surge Current Capability
Package Outline Dimensions
DO-201AD:
DIM.
Unit(mm)
Unit(inch)
Min
Max
Min
Max
A
4.8
5.3
0.189
0.209
B
1.2
1.3
0.047
0.051
C
25.4
-
1.0
-
D
7.2
9.6
0.283
0.378
E
25.4
-
1.0
-
Mechanical Data
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Lead: Axial leads, solderable per MIL-STD-202, method
208 guaranteed
* Polarity: Color band denotes cathode end
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Type Number
Symbols
SR502
SR503
SR504
SR505
SR506
SR508
SR510
SR515
SR520
Unit
Maximum Recurrent Peak Reverse
Voltage
VRRM
20
30
40
50
60
80
100
150
200
V
Maximum RMS Voltage
VRMS
14
21
28
35
42
56
70
105
140
V
Maximum D.C Blocking Voltage
VDC
20
30
40
50
60
80
100
150
200
V
Maximum Average Forward
Rectified Current
IF(AV)
5.0
A
Peak Forward Surge Current,
8.3ms single half sine-wave
IFSM
120
A
Maximum Instantaneous Forward
Voltage at 5.0A(Note1)
VF
0.55
0.70
0.85
0.95
V
Maximum Reverse
Tj=25℃
Current @ rated VR
Tj=100℃
Tj=125℃
IR
0.5
0.1
mA
15
10
-
-
-
5
1
Typical Thermal Resistance
RθJC
RθJA
6
35
℃/W
Operating Temperature Range
TJ
-55 to +125
-55 to +150
℃
Operating Temperature Range
TSTG
-55 to +150
℃
Note: 1、Pulse test: tp=300μ
S, 1% duty cycle


Similar Part No. - SR520

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR520 WTE-SR520 Datasheet
50Kb / 3P
5.0A SCHOTTKY BARRIER RECTIFIER
logo
Rectron Semiconductor
SR520 RECTRON-SR520 Datasheet
24Kb / 2P
SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 60 Volts CURRENT 5.0 Amperes)
logo
Bytes
SR520 BYTES-SR520 Datasheet
153Kb / 2P
5.0 AMP SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Lunsure Electr...
SR520 CHENYI-SR520 Datasheet
164Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Dc Components
SR520 DCCOM-SR520 Datasheet
427Kb / 2P
TECHNICAL SPECIFICATIONS OF SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR520

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SR502 JGD-SR502 Datasheet
147Kb / 2P
5.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
SRAF540 TSC-SRAF540 Datasheet
75Kb / 2P
Isolation 5.0 AMPS. Schottky Barrier Rectifiers
SR502 TSC-SR502 Datasheet
63Kb / 2P
5.0 AMPS. Schottky Barrier Rectifiers
SR502 TSC-SR502_1 Datasheet
256Kb / 2P
5.0 AMPS. Schottky Barrier Rectifiers
SRAF520 TSC-SRAF520 Datasheet
184Kb / 2P
Isolated 5.0 AMPS. Schottky Barrier Rectifiers
logo
Yangzhou yangjie electr...
SR520 YANGJIE-SR520 Datasheet
706Kb / 2P
5.0 AMPS. SCHOTTKY BARRIER RECTIFIERS
logo
Taiwan Semiconductor Co...
MBRF5100 TSC-MBRF5100 Datasheet
572Kb / 2P
Isolation 5.0 AMPS. Schottky Barrier Rectifiers
MBRF5100 TSC-MBRF5100_10 Datasheet
570Kb / 2P
Isolation 5.0 AMPS. Schottky Barrier Rectifiers
SR502 TSC-SR502_10 Datasheet
557Kb / 2P
5.0 AMPS. Schottky Barrier Rectifiers
SRAF520 TSC-SRAF520_10 Datasheet
486Kb / 2P
Isolated 5.0 AMPS. Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com