Electronic Components Datasheet Search
  English  ▼

X  

LM2853 Datasheet(PDF) 13 Page - Texas Instruments

Part # LM2853
Description  LM2853 3-A 550-kHz Synchronous Buck Regulator
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM2853 Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM2853 Datasheet HTML 9Page - Texas Instruments LM2853 Datasheet HTML 10Page - Texas Instruments LM2853 Datasheet HTML 11Page - Texas Instruments LM2853 Datasheet HTML 12Page - Texas Instruments LM2853 Datasheet HTML 13Page - Texas Instruments LM2853 Datasheet HTML 14Page - Texas Instruments LM2853 Datasheet HTML 15Page - Texas Instruments LM2853 Datasheet HTML 16Page - Texas Instruments LM2853 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
13
LM2853
www.ti.com
SNVS459A – OCTOBER 2006 – REVISED SEPTEMBER 2017
Product Folder Links: LM2853
Submit Documentation Feedback
Copyright © 2006–2017, Texas Instruments Incorporated
8.1.9 Split-Rail Operation
The LM2853 can be powered using two separate voltages for AVIN and PVIN. AVIN is the supply for the control
logic; PVIN is the supply for the power FETs. The output filter components need to be chosen based on the
value of PVIN. For PVIN levels lower than 3.3 V, use output filter component values recommended for 3.3 V.
PVIN must always be equal to or less than AVIN.
Figure 9. Split-Rail Operation Example Circuit
8.1.10 Switch Node Protection
The LM2853 includes protection circuitry that monitors the voltage on the switch pin. Under certain fault
conditions, switching is disabled in order to protect the switching devices. One side effect of the protection
circuitry may be observed when power to the LM2853 is applied with no or light load on the output. The output
will regulate to the rated voltage, but no switching may be observed. As soon as the output is loaded, the
LM2853 will begin normal switching operation.
8.2 Typical Application
Figure 10. LM2853 Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com