Electronic Components Datasheet Search
  English  ▼

X  

LM3447 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM3447
Description  Phase Dimmable, Primary Side Power Regulated PFC Flyback Controller for LED Lighting
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM3447 Datasheet(HTML) 2 Page - Texas Instruments

  LM3447 Datasheet HTML 1Page - Texas Instruments LM3447 Datasheet HTML 2Page - Texas Instruments LM3447 Datasheet HTML 3Page - Texas Instruments LM3447 Datasheet HTML 4Page - Texas Instruments LM3447 Datasheet HTML 5Page - Texas Instruments LM3447 Datasheet HTML 6Page - Texas Instruments LM3447 Datasheet HTML 7Page - Texas Instruments LM3447 Datasheet HTML 8Page - Texas Instruments LM3447 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
LM3447
SNOSC65 A – APRIL 2012 – REVISED MAY 2012
www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
TEMPERATURE
ORDERABLE DEVICE
TRANSPORT
RANGE
PACKAGE(2)
PINS
PACKAGE DRAWING
QUANTITY
NUMBER
MEDIA
(TJ)
LM3447MT
Tube
94
–40°C to 125°C
TSSOP
14
MTC14
LM3447MTE
Tape and Reel
250
LM3447MTX
Tape and Reel
2500
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
web site at www.ti.com.
(2)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
ABSOLUTE MAXIMUM RATINGS
(1)
All voltages are with respect to GND, –40°C < TJ = TA < 125°C, all currents are positive into and negative out of the specified
terminal (unless otherwise noted)
VALUE
UNIT
MIN
MAX
Supply voltage
VCC(2)
–0.3
22
V
HOLD(3)
–0.3
22
V
Input voltage range
VAC(4)
–0.3
6
V
TSNS, FLT1, FLT2, FF, INV, COMP, ISNS, AUX
–0.3
6
V
Output voltage range
GATE(2) (Pulse < 20ns)
–1.5
19
V
Continuous input current
IBIAS
(4)
10
mA
Junction temperature
TJ
(5)
165
°C
Storage temperature range(5)
TSTG
–65
150
°C
Lead temperature
Soldering, 10s
260
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
VCC is internally limited to approximately 18.9V. See ELECTRICAL CHARACTERISTICS table.
(3)
HOLD current is limited by the internal power dissipation of the device.
(4)
Voltage on VAC and BIAS is internally clamped. The clamp level varies with operating conditions. In normal use, VAC and BIAS are
current fed with the voltage internally limited.
(5)
Maximum junction temperature is internally limited.
PACKAGE DISSIPATION RATINGS
(1) (2)
θJA, THERMAL IMPEDANCE JUNCTION
TA = 25°C
TA = 70°C
TA = 85°C
PACKAGE
TO AMBIENT,NO AIRFLOW
POWER RATING
POWER RATING
POWER RATING
(°C/W)
(mW)
(mW)
(mW)
TSSOP–14 (MTC)
155(1)
645(3)
355(3)
258(3)
(1)
Tested per JEDEC EIA/JESD51-1. Thermal resistance is a function of board construction and layout. Air flow reduces thermal
resistance. This number is included only as a general guideline; see TI document (SPRA953) device Package Thermal Metrics.
(2)
Thermal resistance to the circuit board is lower. Measured with standard single-sided PCB construction. Board temperature, TB,
measured approximately 1 cm from the lead to board interface. This number is provided only as a general guideline.
(3)
Maximum junction temperature, TJ, equal to 125°C
2
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: LM3447



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com