Electronic Components Datasheet Search
  English  ▼

X  

LM360 Datasheet(PDF) 1 Page - Texas Instruments

Part # LM360
Description  LM160/LM360 High Speed Differential Comparator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM360 Datasheet(HTML) 1 Page - Texas Instruments

  LM360 Datasheet HTML 1Page - Texas Instruments LM360 Datasheet HTML 2Page - Texas Instruments LM360 Datasheet HTML 3Page - Texas Instruments LM360 Datasheet HTML 4Page - Texas Instruments LM360 Datasheet HTML 5Page - Texas Instruments LM360 Datasheet HTML 6Page - Texas Instruments LM360 Datasheet HTML 7Page - Texas Instruments LM360 Datasheet HTML 8Page - Texas Instruments LM360 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LM160, LM360
www.ti.com
SNOSBJ4C – MAY 1999 – REVISED MARCH 2013
LM160/LM360 High Speed Differential Comparator
Check for Samples: LM160, LM360
1
FEATURES
DESCRIPTION
The LM160/LM360 is a very high speed differential
2
•
Ensured high speed:
20 ns max
input, complementary TTL output voltage comparator
•
Tight delay matching on both outputs
with
improved
characteristics
over
the
•
Complementary TTL outputs
μA760/μA760C,
for
which
it
is
a
pin-for-pin
replacement. The device has been optimized for
•
High input impedance
greater speed, input impedance and fan-out, and
•
Low speed variation with overdrive variation
lower input offset voltage. Typically delay varies only
•
Fan-out of 4
3 ns for overdrive variations of 5 mV to 400 mV.
•
Low input offset voltage
Complementary outputs having minimum skew are
•
Series 74 TTL compatible
provided. Applications involve high speed analog to
digital convertors and zero-crossing detectors in disk
file systems.
CONNECTION DIAGRAMS
TO-99 Package
SOIC or PDIP Package
Figure 1. Package Number LMC0008C (1)
Figure 2. Package Number D0008A or P0008E
(1)
Also available in SMD# 5962-8767401
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 1999–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM360

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM360 NSC-LM360 Datasheet
230Kb / 7P
High Speed Differential Comparator
logo
Texas Instruments
LM360 TI1-LM360 Datasheet
872Kb / 15P
LM160/LM360 High Speed Differential Comparator
LM360 TI1-LM360 Datasheet
343Kb / 13P
LM160QML High Speed Differential Comparator
LM36010 TI1-LM36010 Datasheet
2Mb / 37P
Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
LM36010YKBR TI1-LM36010YKBR Datasheet
2Mb / 37P
Synchronous-Boost, Single-LED Flash Driver With 1.5-A High-Side Current Source
More results

Similar Description - LM360

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM160 NSC-LM160 Datasheet
230Kb / 7P
High Speed Differential Comparator
logo
Texas Instruments
TL714C TI-TL714C Datasheet
62Kb / 4P
HIGH-SPEED DIFFERENTIAL COMPARATOR
logo
Fairchild Semiconductor
UA760 FAIRCHILD-UA760 Datasheet
368Kb / 7P
HIGH SPEED DIFFERENTIAL COMPARATOR
logo
National Semiconductor ...
MNLM711AM-X NSC-MNLM711AM-X Datasheet
251Kb / 8P
DUAL HIGH SPEED DIFFERENTIAL COMPARATOR
LM760 NSC-LM760 Datasheet
197Kb / 10P
High Speed Differential Comparator
logo
Texas Instruments
TL714C TI-TL714C_06 Datasheet
169Kb / 7P
HIGH-SPEED DIFFERENTIAL COMPARATOR
logo
Austin Semiconductor
AS161 AUSTIN-AS161 Datasheet
757Kb / 8P
High Speed Differential Comparator
logo
Texas Instruments
LM160QML TI1-LM160QML Datasheet
267Kb / 12P
LM160QML High Speed Differential Comparator
LM160QML TI1-LM160QML_14 Datasheet
343Kb / 13P
LM160QML High Speed Differential Comparator
LM160 TI1-LM160_14 Datasheet
872Kb / 15P
LM160/LM360 High Speed Differential Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com